Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STE2001 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STE2001
Description  65 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2001 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STE2001 Datasheet HTML 12Page - STMicroelectronics STE2001 Datasheet HTML 13Page - STMicroelectronics STE2001 Datasheet HTML 14Page - STMicroelectronics STE2001 Datasheet HTML 15Page - STMicroelectronics STE2001 Datasheet HTML 16Page - STMicroelectronics STE2001 Datasheet HTML 17Page - STMicroelectronics STE2001 Datasheet HTML 18Page - STMicroelectronics STE2001 Datasheet HTML 19Page - STMicroelectronics STE2001 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
STE2001
16/36
The end of the procedure will be notified on the BSY_FLG pad going HIGH, while LOW the procedure is running.
Any instruction programmed with BSY_FLG LOW will be ignored, that is, no instruction can be programmed for
a period equivalent to 128X9 internal write cycles (128X9X1/fclock). The start of Memory blanking procedure
will be between one and two fclock cycles from the last active edge (E rising edge for the parallel interface, last
SCLK rising edge for the Serial interface, last SCL rising edge for the I2C interface).
Scroll
The STE2001 can scroll the graphics display in units of raster-rows. The scrolling function is achieved changing
the correspondence between the rows of the logical memory map and the output row drivers. The scroll function
doesn’t affect the data ram content. It is only related to the visualization process. The information output on the
drivers is related to the row reading sequence (the 1st row read is output on R0, the 2nd on R1 and so on).
Scrolling means reading the matrix starting from a row that is sequentially increased or decreased. After every
scrolling command the offset between the memory address and the memory scanning pointer is increased or
decreased by one. The offset range is between 0 to 63 in mux 65 mode and 0-31 in mux 33 mode. After the
64th scrolling command in mux 65 mode and after the 32th in mux 33 mode, the offset between the memory
address and the memory scanning pointer is again zero (Cyclic Scrolling). Bank8 is always accessed last in
each frame, and so isn’t scrolled.
If the DIR Bit is set to a logic zero the offset register is increased by one and the raster is scrolled from top down. If
the DIR Bit is set to a logic one the offset register is decreased by one and the raster is scrolled from bottom-up.
Bus Interfaces
To provide the widest flexibility and ease of use the STE2001 features three different methods for interfacing
the host Controller. To select the desired interface the SEL1 and SEL2 pads need to be connected to a logic
LOW (connect to GND) or a logic HIGH (connect to VDD). All the I/O pins of the unused interfaces must be
connected to GND. If I/O pins voltage is lower than VDD interfaces could sink more current than expected.
All interfaces are working while the STE2001 is in Power Down.
I
2C Interface
The I
2C interface is a fully complying I2C bus specification, selectable to work in both Fast (400kHz Clock) and
High Speed Mode (3.4MHz).
This bus is intended for communication between different Ics. It consists of two lines: one bi-directional for data
signals (SDA) and one for clock signals (SCL). Both the SDA and SCL lines must be connected to a positive
supply voltage via an active or passive pull-up.
The following protocol has been defined:
- Data transfer may be initiated only when the bus is not busy.
- During data transfer, the data line must remain stable whenever the clock line is high. Changes in the data line
while the clock line is high will be interpreted as control signals.
Accordingly, the following bus conditions have been defined:
BUS not busy: Both data and clock lines remain High.
Start Data Transfer: A change in the state of the data line, from High to Low, while the clock is High, define the
START condition.
SEL2
SEL1
Interface
Note
00
I2C
Read and Write; Fast and
High Speed Mode
0
1
Serial
Write only
1
1
Parallel
Write only
1
0
Not Used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com