| Electronic Components Datasheet Search |
|
STE2001 Datasheet(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2001 Datasheet(HTML) 18 Page - STMicroelectronics |
|
18 / 36 page ![]() STE2001 18/36 Figure 17. Acknowledgment on theI 2C-bus Figure 18. I2C-bus timings Communication Protocol The STE2001 is an I 2C slave. The access to the device is bi-directional since data write and status read are allowed. Two are the devic e addresses availabl e for the device. Both have in common the first 6 bits (011110). The least sig- nifica nt bit of the slave address is set by connecting the SA0 input to a logic 0 or to a logic 1. To start the communication between the bus master and the slav e LCD driver, the master must initiate a START con- dition. Followin g this, the master sends an 8-bit byte, shown in Fig. 18, on the SDA bus line (Most signif icant bit first). This consists of the 7-bit Device select Code, and the 1-bit Read/Write Designator (R/ W). All slaves with the corresponding address acknowledge in parallel, all the others will ignore the I 2C-bus transfer. Writing Mode. If the R/W bit is set to logic 0 the STE2001 is set to be a receiver. After the slaves acknowledge one or more command word follows to define the status of the device. A command word is composed by two bytes. The first is a control byte which defines the Co and D/C values, the second is a data byte (fig 18). The Co bit is the command MSB and defines if after this command will follow one data byte and an other command word or if will follow a stream of data (Co = 1 Command word, Co = 0 Stream of data). The D/C bit defines whether the data byte is a command or RAM data (D/C = 1 RAM Data, D/ C = 0 Command). If Co =1 and D/C = 0 the incoming data byte is decoded as a command, and if Co =1 and D/C =1, the following data byte will be stored in the data RAM at the location specified by the data pointer. E very byte of a command word must be acknowledged by all addressed units. After the last control byte, if D/C is set to a logic 1 the incoming data bytes are stored inside the STE2001 Display RAM starting at the address specified by the data pointer. The data pointer is automatically updated after every byte written and in the end points to the last RAM location written. Every byte must be acknowledged by all addressed units. Reading Mode. If the R/W bit is set to logic 1 the chip will output data immediately after the slave address. If the D/C bit sent during the last write access, is set to a logic 0, the byte read is the status byte. START CLOCK PULSE FOR ACKNOWLEDGEMENT DATA OUTPUT BY RECEIVER SCLK FROM MASTER DATA OUTPUT BY TRANSMITTER D00IN1152 1 MSB LSB 28 9 Sr SCLH RES SDAH D00IN1153 tfDA trDA tSU;STA tSTART tHD;STA tHD;DAT tSU;DAT tLOW trCL1 trCL tHIGH tHIGH tLOW Sr P trCL1 tfCL (1) (1) = MCS current source pull-up = Rp resistor pull-up |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |