Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HC708KL8GRS/D Datasheet(PDF) 49 Page - NXP Semiconductors

Part # HC708KL8GRS/D
Description  The MC68HC708KL8 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs).
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC708KL8GRS/D Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button HC708KL8GRS/D Datasheet HTML 45Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 46Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 47Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 48Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 49Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 50Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 51Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 52Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 246 page
background image
MC68HC708KL8 — Rev. 2.1
General Release Specification
Freescale Semiconductor
Configuration Register (CONFIG)
49
General Release Specification — MC68HC708KL8
Section 5. Configuration Register (CONFIG)
5.1 Contents
5.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
5.3
Functional Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
5.2 Introduction
This section describes the configuration register (CONFIG). The
configuration register controls the following options:
•
USB regulator bypass
•
Stop mode recovery time (32 or 4096 CGMXCLK cycles)
•
COP timeout period (218 – 24 or 213 – 24 CGMXCLK cycles)
•
STOP instruction
•
Operation of the computer operating properly module (COP)
5.3 Functional Description
The configuration register is used in the initialization of various options.
The configuration register can be written once after each reset. All of the
configuration register bits are cleared during reset. Since the various
options affect the operation of the MCU, it is recommended that this
register be written immediately after reset. The configuration register is
located at $001F. For compatibility, a write to a ROM version of the MCU
at this location will have no effect. The configuration register may be read
at any time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com