Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HC708KL8GRS/D Datasheet(PDF) 80 Page - NXP Semiconductors

Part # HC708KL8GRS/D
Description  The MC68HC708KL8 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs).
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC708KL8GRS/D Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button HC708KL8GRS/D Datasheet HTML 76Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 77Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 78Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 79Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 80Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 81Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 82Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 83Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 246 page
background image
System Integration Module (SIM)
General Release Specification
MC68HC708KL8 — Rev. 2.1
80
System Integration Module (SIM)
Freescale Semiconductor
8.4.2 Active Resets from Internal Sources
All internal reset sources actively pull the RST pin low for 32 CGMXCLK
cycles to allow resetting of external peripherals. The internal reset signal
IRST continues to be asserted for an additional 32 cycles. (See Figure
8-5.) An internal reset can be caused by an illegal address, illegal
opcode, COP timeout, the USB module or POR. (See Figure 8-6.) Note
that for POR resets, the SIM cycles through 4096 CGMXCLK cycles
during which the SIM forces the RST pin low. The internal reset signal
then follows the sequence from the falling edge of RST shown in
Figure 8-5.
Figure 8-5. Internal Reset Timing
The COP reset is asynchronous to the bus clock.
Figure 8-6. Sources of Internal Reset
The active reset feature allows the part to issue a reset to peripherals
and other chips within a system built around the MCU.
IRST
RST
RST PULLED LOW BY MCU
IAB
32 CYCLES
32 CYCLES
VECTOR HIGH
CGMXCLK
ILLEGAL ADDRESS RST
ILLEGAL OPCODE RST
COPRST
POR
INTERNAL RESET
USB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com