Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HC708KL8GRS/D Datasheet(PDF) 74 Page - NXP Semiconductors

Part # HC708KL8GRS/D
Description  The MC68HC708KL8 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs).
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC708KL8GRS/D Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button HC708KL8GRS/D Datasheet HTML 70Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 71Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 72Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 73Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 74Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 75Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 76Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 77Page - NXP Semiconductors HC708KL8GRS/D Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 246 page
background image
System Integration Module (SIM)
General Release Specification
MC68HC708KL8 — Rev. 2.1
74
System Integration Module (SIM)
Freescale Semiconductor
8.7
Low-Power Modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 91
8.7.1
Wait Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 91
8.7.2
Stop Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 92
8.8
SIM Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 94
8.8.1
Break Status Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 94
8.8.2
Reset Status Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 96
8.8.3
Break Flag Control Register . . . . . . . . . . . . . . . . . . . . . . . . 97
8.2 Introduction
This section describes the system integration module (SIM), which
supports up to 16 external and/or internal interrupts. Together with the
CPU, the SIM controls all MCU activities. The SIM is a system state
controller that coordinates CPU and exception timing. A block diagram
of the SIM is shown in Figure 8-1. Table 8-1 is a summary of the SIM
I/O registers.
The SIM is responsible for:
•
Bus clock generation and control for CPU and peripherals
–
Stop/wait/reset/break entry and recovery
–
Internal clock control
•
Master reset control, including power-on reset (POR) and COP
timeout
•
Interrupt control:
–
Acknowledge timing
–
Arbitration control timing
–
Vector address generation
•
CPU enable/disable timing
•
Modular architecture expandable to 128 interrupt sources



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com