Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2STR1215 Datasheet(PDF) 12 Page - STMicroelectronics

Part # 2STR1215
Description  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STR1215 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button 2STR1215 Datasheet HTML 8Page - STMicroelectronics 2STR1215 Datasheet HTML 9Page - STMicroelectronics 2STR1215 Datasheet HTML 10Page - STMicroelectronics 2STR1215 Datasheet HTML 11Page - STMicroelectronics 2STR1215 Datasheet HTML 12Page - STMicroelectronics 2STR1215 Datasheet HTML 13Page - STMicroelectronics 2STR1215 Datasheet HTML 14Page - STMicroelectronics 2STR1215 Datasheet HTML 15Page - STMicroelectronics 2STR1215 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
Figure 7. Soft-start procedure
EN (t)
VCC (t)
SW (t)
t
VEN Rising = 1.2 V
VVCC= 3.3 V
EA Reference (t)
VREF= 0.85 V
tSS= 1.3 ms
tSETUP = 540 µs
During normal operation, a new soft-start cycle takes place in case of:
1.
Thermal shutdown event
2.
UVLO event
3.
EN pin rising over VEN threshold. Please refer to Table 6. Electrical characteristics
The device can invert the current even during soft-start, hence enabling the energy transfer to the secondary
winding. Therefore, the secondary isolated output voltage goes up simultaneously with the primary output voltage,
so implementing a tracked soft-start.
Figure 8. Tracked soft-start at secondary side
5.1.3
Undervoltage lockout
The device implements the undervoltage lockout (UVLO) continuously sensing the voltage on the VCC pin, if the
UVLO lasts more than 10 μs, the internal logic resets the device by turning off both LS and HS.
After the reset, if the EN pin is still high, the device repeats the soft-start procedure.
L6983I
Primary side
DS14040 - Rev 1
page 12/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com