Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2STR1215 Datasheet(PDF) 18 Page - STMicroelectronics

Part # 2STR1215
Description  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STR1215 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button 2STR1215 Datasheet HTML 14Page - STMicroelectronics 2STR1215 Datasheet HTML 15Page - STMicroelectronics 2STR1215 Datasheet HTML 16Page - STMicroelectronics 2STR1215 Datasheet HTML 17Page - STMicroelectronics 2STR1215 Datasheet HTML 18Page - STMicroelectronics 2STR1215 Datasheet HTML 19Page - STMicroelectronics 2STR1215 Datasheet HTML 20Page - STMicroelectronics 2STR1215 Datasheet HTML 21Page - STMicroelectronics 2STR1215 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
Figure 18. Secondary output line regulation (VOUT_prim = 5 V, fSW = 400 kHz, N = 6 )
-20%
-15%
-10%
-5%
0%
5%
10%
15%
20%
8
12
16
20
24
28
32
Input voltage [V]
Iout_iso = 100mA
Iout_iso = 200mA
Iout_iso = 300mA
The input voltage value influences the peak current in the secondary winding (see Figure 19), hence determining
the amount of energy delivered to the secondary output and in turn the isolated output voltage value.
Figure 19. Secondary winding current at different input voltages
L6983I
Output voltage line regulation
DS14040 - Rev 1
page 18/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com