Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2STR1215 Datasheet(PDF) 24 Page - STMicroelectronics

Part # 2STR1215
Description  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STR1215 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button 2STR1215 Datasheet HTML 20Page - STMicroelectronics 2STR1215 Datasheet HTML 21Page - STMicroelectronics 2STR1215 Datasheet HTML 22Page - STMicroelectronics 2STR1215 Datasheet HTML 23Page - STMicroelectronics 2STR1215 Datasheet HTML 24Page - STMicroelectronics 2STR1215 Datasheet HTML 25Page - STMicroelectronics 2STR1215 Datasheet HTML 26Page - STMicroelectronics 2STR1215 Datasheet HTML 27Page - STMicroelectronics 2STR1215 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
The current limit intervention might affect the duty cycle as well as the frequency. Reaching the peak current
limit implies a duty cycle reduction (until the TON_MIN is reached). When the low-side switch is on, as long as the
current is above the IVY, any new clock cycle is ignored. The switching frequency is hence reduced. These effects
of both duty cycle and switching frequency are summarized in Figure 28.
A short-circuit at the primary output is a particular case of overcurrent. Figure 29 shows the behavior of the device
in case of a short-circuit present before the soft-start.
Figure 29. Soft-start procedure with short-circuit at the primary output
Figure 30 shows a persistent short-circuit condition (frequency reduced from 400 kHz to 100 kHz).
Figure 30. Overcurrent procedure in case of persistent short-circuit at the primary output
Secondary side
The increase of the secondary output current affects the current shape at primary side. In particular, the peak
currents in the high-side and low-side MOSFETs rise (in absolute value in the low-side, that is, the current
becomes more negative), in accordance with equations (Eq. (3)) and (Eq. (4)).
IPEAKHS=IOUT_pri+N∙IOUT_sec+∆IL2
(3)
IPEAKLS=−N∙IOUT_sec∙ 2D1−D −∆IL2+IOUT_prim
(4)
L6983I
Overcurrent protection
DS14040 - Rev 1
page 24/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com