Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2STR1215 Datasheet(PDF) 32 Page - STMicroelectronics

Part # 2STR1215
Description  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STR1215 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button 2STR1215 Datasheet HTML 28Page - STMicroelectronics 2STR1215 Datasheet HTML 29Page - STMicroelectronics 2STR1215 Datasheet HTML 30Page - STMicroelectronics 2STR1215 Datasheet HTML 31Page - STMicroelectronics 2STR1215 Datasheet HTML 32Page - STMicroelectronics 2STR1215 Datasheet HTML 33Page - STMicroelectronics 2STR1215 Datasheet HTML 34Page - STMicroelectronics 2STR1215 Datasheet HTML 35Page - STMicroelectronics 2STR1215 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
Eq. (25) emphasizes how the selection of the transformer and, to some extent, the Schottky diode play a crucial
role in the accurate regulation of the secondary output voltage. Figure 38 shows instead the effect of the current
drawn from the primary output on the isolated voltage, as described by the Eq. (24).
Figure 38. Isolated voltage variation due to the primary output current
Another factor affecting the secondary output voltage regulation comes from the leakage inductance of the
transformer. As described later on, the leakage inductance determines the peak current that can be reached in
the secondary winding. This peak current defines the maximum current from the secondary isolated output by
limiting the amount of charge delivered to the output. When the current demand from the secondary isolated
output exceeds the maximum deliverable charge limited by the peak current, the isolated output voltage drops.
Figure 39. Secondary output maximum current
The effect of the leakage on the load regulation was already shown in Figure 22 in Section 6.2 .
To some extent also the duty cycle can affect the secondary output voltage. Since the energy transfer from
primary to secondary occurs only during the TOFF, a too high duty cycle could reduce the achievable peak
current, hence limiting the deliverable current to the secondary output. Under this condition, the secondary output
could drop.
L6983I
Output voltage adjustment
DS14040 - Rev 1
page 32/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com