Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STEF12S Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEF12S
Description  Electronic fuse for 12 V line
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF12S Datasheet(HTML) 1 Page - STMicroelectronics

  STEF12S Datasheet HTML 1Page - STMicroelectronics STEF12S Datasheet HTML 2Page - STMicroelectronics STEF12S Datasheet HTML 3Page - STMicroelectronics STEF12S Datasheet HTML 4Page - STMicroelectronics STEF12S Datasheet HTML 5Page - STMicroelectronics STEF12S Datasheet HTML 6Page - STMicroelectronics STEF12S Datasheet HTML 7Page - STMicroelectronics STEF12S Datasheet HTML 8Page - STMicroelectronics STEF12S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Features
15 V typical output overvoltage clamp
Absolute maximum voltage of 25 V
Adjustable current limit
Thermal protection
Input undervoltage lockout
Low inrush current during startup
Integrated 40 mΩ Power FET
En/fault pin
Adjustable slew rate for output voltage
Gate control pin for reverse current blocking FET (DFN10 package)
TSOT23-8L and DFN10 (3x3 mm) packages
Latch (STEF12S) or autoretry (STEF12SA) versions
Applications
Hard Disk and SSD drives
Hard disk array
Hot-swap board
Hot-plug protection
Description
The STEF12S is an integrated electronic fuse optimized to monitor the 12 V DC
power lines.
When connected in series to the main power rail, it is able to precisely detect and
react to overcurrent and overvoltage conditions.
When an overload condition occurs, the device limits the output current to a safe
value defined by the user. If the anomalous overload condition persists, the device
goes into an open state, disconnecting the load from the power supply.
In case of overvoltage on the input, the device regulates the output to a preset safe
value.
Undervoltage lockout prevents the load from malfunction, keeping the device off if the
rail voltage is too low.
The STEF12S features the adjustable turn-on slew-rate, which is useful to keep the
in-rush current under control during startup and hot-swap operations.
On the DFN10 package a dedicated pin provides a gate control for an external
optional N-channel Power FET, used to implement the reverse current blocking in
case of input voltage loss.
The STEF05S is a companion chip for the 5 V rails, useful to implement a complete
power rail control in data-storage applications.
TSOT23-8L
DFN10 (3x3 mm)
Maturity status link
STEF12S
Electronic fuse for 12 V line
STEF12S
Datasheet
DS13002 - Rev 5 - March 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STEF12S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEF12 STMICROELECTRONICS-STEF12 Datasheet
1Mb / 20P
Electronic fuse for 12 V line
14-Dec-2011
STEF12E STMICROELECTRONICS-STEF12E Datasheet
2Mb / 19P
Electronic fuse for 12 V line
27-Jul-2022
STEF12EPUR STMICROELECTRONICS-STEF12EPUR Datasheet
2Mb / 19P
Electronic fuse for 12 V line
27-Jul-2022
STEF12H60M STMICROELECTRONICS-STEF12H60M Datasheet
2Mb / 34P
60 A electronic fuse for 12 V DC rail
11-May-2021
STEF12H60MAPUR STMICROELECTRONICS-STEF12H60MAPUR Datasheet
2Mb / 34P
60 A electronic fuse for 12 V DC rail
11-May-2021
More results

Similar Description - STEF12S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEF05 STMICROELECTRONICS-STEF05 Datasheet
1Mb / 20P
Electronic fuse for 5 V line
06-Mar-2012
STEF12 STMICROELECTRONICS-STEF12 Datasheet
1Mb / 20P
Electronic fuse for 12 V line
14-Dec-2011
STEF05D STMICROELECTRONICS-STEF05D Datasheet
1Mb / 19P
Electronic fuse for 5 V line
19-Mar-2013
STEF033 STMICROELECTRONICS-STEF033 Datasheet
1Mb / 25P
Electronic fuse for 3.3 V line
28-Jan-2015
STEF512GR STMICROELECTRONICS-STEF512GR Datasheet
1Mb / 22P
Dual electronic fuse for 5 V and 12 V rails
Rev 2 - March 2020
logo
ON Semiconductor
NIS5020 ONSEMI-NIS5020 Datasheet
651Kb / 14P
12 Volt Electronic Fuse
July, 2019 ??Rev. 3
logo
STMicroelectronics
STEF12H60M STMICROELECTRONICS-STEF12H60M Datasheet
2Mb / 34P
60 A electronic fuse for 12 V DC rail
11-May-2021
logo
ON Semiconductor
NIS6420 ONSEMI-NIS6420 Datasheet
164Kb / 11P
Electronic Fuse, 3 to 12 V
December, 2020 ??Rev. 4
logo
STMicroelectronics
STEF512PUR STMICROELECTRONICS-STEF512PUR Datasheet
1Mb / 21P
Dual electronic fuse (eFuse) for 5 V and 12 V rails
21-Sep-2020
STEF12E STMICROELECTRONICS-STEF12E Datasheet
2Mb / 19P
Electronic fuse for 12 V line
27-Jul-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com