Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ISL6262A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL6262A
Description  Two-Phase Core Controller (Santa Rosa, IMVP-6)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6262A Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL6262A Datasheet HTML 1Page - Renesas Technology Corp ISL6262A Datasheet HTML 2Page - Renesas Technology Corp ISL6262A Datasheet HTML 3Page - Renesas Technology Corp ISL6262A Datasheet HTML 4Page - Renesas Technology Corp ISL6262A Datasheet HTML 5Page - Renesas Technology Corp ISL6262A Datasheet HTML 6Page - Renesas Technology Corp ISL6262A Datasheet HTML 7Page - Renesas Technology Corp ISL6262A Datasheet HTML 8Page - Renesas Technology Corp ISL6262A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ISL6262A
FN6343 Rev 1.00
Page 3 of 28
December 23, 2008
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +7V
Battery Voltage, VIN. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +28V
Boot Voltage (BOOT) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +33V
Boot to Phase Voltage (BOOT to PHASE . . . . . . -0.3V to +7V (DC)
-0.3V to +9V (<10ns)
Phase Voltage (PHASE) . . . . . . . . . -7V (<20nS Pulse Width, 10µJ)
UGATE Voltage (UGATE) . . . . . . . . . . PHASE -0.3V (DC) to BOOT
. . . . . . . . . . . . . PHASE-5V (<20nS Pulse Width, 10µJ) to BOOT
LGATE Voltage (LGATE) . . . . . . . . . . . . -0.3V (DC) to (VDD+0.3V)
. . . . . . . . . . . . . . -2.5V (<20nS Pulse Width, 5µJ) to (VDD +0.3V)
All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to (VDD +0.3V)
Open Drain Outputs, PGOOD, VR_TT# . . . . . . . . . . . . -0.3 to +7V
Thermal Resistance (Typical)
JA°C/W
JC°C/W
QFN Package (Notes 1, 2). . . . . . . . . .
29
4.5
Maximum Storage Temperature Range . . . . . . . . . -65°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V ±5%
Battery Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V to 25V
Ambient Temperature
Commercial . . . . . . . . . . . . . . . . . . . . . . . . . . . . -10°C to +100°C
Industrial. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +100°C
Junction Temperature
Commercial . . . . . . . . . . . . . . . . . . . . . . . . . . . . -10°C to +125°C
Industrial. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
VDD = 5V, TA = -40°C to +100°C, unless otherwise specified. Parameters with MIN and/or MAX limits are 100%
tested at +25°C, unless otherwise specified. Temperature limits established by characterization and are not
production tested.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
INPUT POWER SUPPLY
+5V Supply Current
IVDD
VR_ON = 3.3V
3.6
4.1
mA
VR_ON = 0V
1
µA
+3.3V Supply Current
I3V3
No load on CLK_EN#
1
µA
Battery Supply Current at VIN pin
IVIN
VR_ON = 0V, VIN = 25V
1
µA
POR (Power-On Reset) Threshold
PORr
VDD Rising
4.35
4.5
V
PORf
VDD Falling
4.0
4.15
V
SYSTEM AND REFERENCES
System Accuracy
%Error
(VCC_CORE)
ISL6262ACRZ
No load, closed loop, active mode,
TA = 0°C to +100°C, VID = 0.75 to 1.5V
-0.5
0.5
%
VID = 0.5 to 0.7375V
-8
8
mV
VID = 0.3 to 0.4875V
-15
15
mV
System Accuracy
%Error
(VCC_CORE)
ISL6262AIRZ
No load, closed loop, active mode,
TA = -40°C to +100°C, VID = 0.75 to 1.5V
-0.8
0.8
%
VID = 0.5 to 0.7375V
-10
10
VID = 0.3 to 0.4875V
18
18
mV
Droop Amplifier Offset
0.3
0.3
RBIAS Voltage
RRBIAS
RRBIAS = 147k
1.45
1.47
1.49
V
Boot Voltage
VBOOT
1.188
1.2
1.212
V
Maximum Output Voltage
VCC_CORE
(max)
VID = [0000000]
1.5
V
VCC_CORE
(min)
VID = [1100000]
0.3
V
VID Off State
VID = [1111111]
0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com