Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ISL6262A Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL6262A
Description  Two-Phase Core Controller (Santa Rosa, IMVP-6)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6262A Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL6262A Datasheet HTML 5Page - Renesas Technology Corp ISL6262A Datasheet HTML 6Page - Renesas Technology Corp ISL6262A Datasheet HTML 7Page - Renesas Technology Corp ISL6262A Datasheet HTML 8Page - Renesas Technology Corp ISL6262A Datasheet HTML 9Page - Renesas Technology Corp ISL6262A Datasheet HTML 10Page - Renesas Technology Corp ISL6262A Datasheet HTML 11Page - Renesas Technology Corp ISL6262A Datasheet HTML 12Page - Renesas Technology Corp ISL6262A Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ISL6262A
FN6343 Rev 1.00
Page 9 of 28
December 23, 2008
Typical Performance Curves 300kHz Operation, 2xIRF7821 as Upper Devices and 2xIRF7832 as Bottom Devices
FIGURE 2. ACTIVE MODE EFFICIENCY, 2 PHASE, CCM,
PSI# = HIGH, VID = 1.15V
FIGURE 3. ACTIVE MODE LOAD LINE, 2 PHASE, CCM,
PSI# = HIGH, VID = 1.15V
FIGURE 4. ACTIVE MODE EFFICIENCY, 1 PHASE, CCM,
PSI# = LOW, VID = 1.15V
FIGURE 5. ACTIVE MODE LOAD LINE, 1 PHASE, CCM,
PSI# = LOW, VID = 1.15V
FIGURE 6. DEEPER SLEEP MODE EFFICIENCY
FIGURE 7. DEEPER SLEEP MODE LOAD LINE
0
5
10
15
20
25
30
35
40
45
50
IOUT (A)
0
10
20
30
40
50
60
70
80
90
100
VIN = 8.0V
VIN = 12.6V
VIN = 19.0V
0
10203040
50
IOUT (A)
1.02
1.04
1.06
1.08
1.10
1.14
1.16
VIN = 8.0V
VIN = 12.6V
VIN = 19.0V
1.12
0
2468
10
12
14
16
18
20
IOUT (A)
0
10
20
30
40
50
60
70
80
90
100
VIN = 8.0V
VIN = 19.0V
VIN = 12.6V
0
4
6
8
10
20
IOUT (A)
1.10
1.11
1.12
1.13
1.14
1.15
1.16
VIN = 8.0V
2
12141618
VIN = 12.6V
VIN = 19.0V
0.1
1.0
10
IOUT (A)
50
60
70
80
90
100
VIN = 12.6V
VIN = 8.0V
VIN = 19.0V
02
4
6
8
10
IOUT (A)
0.735
0.740
0.745
0.750
0.755
0.765
VIN = 8.0V
0.760
VIN = 19.0V
VIN = 12.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com