Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ISL6262A Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL6262A
Description  Two-Phase Core Controller (Santa Rosa, IMVP-6)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6262A Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL6262A Datasheet HTML 3Page - Renesas Technology Corp ISL6262A Datasheet HTML 4Page - Renesas Technology Corp ISL6262A Datasheet HTML 5Page - Renesas Technology Corp ISL6262A Datasheet HTML 6Page - Renesas Technology Corp ISL6262A Datasheet HTML 7Page - Renesas Technology Corp ISL6262A Datasheet HTML 8Page - Renesas Technology Corp ISL6262A Datasheet HTML 9Page - Renesas Technology Corp ISL6262A Datasheet HTML 10Page - Renesas Technology Corp ISL6262A Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ISL6262A
FN6343 Rev 1.00
Page 7 of 28
December 23, 2008
PGOOD - Power good open-drain output. Connect externally
with 680
 to VCCP or 1.9k to 3.3V.
PSI# - Current indicator input. When asserted low, indicates a
reduced load-current condition and initiates single-phase
operation.
PMON - Analog output. PMON is proportional to the product of
Vsen and droop voltage.
RBIAS - 147k resistor to GND sets internal current reference.
VR_TT# - Thermal overload output indicator with open-drain
output. Over-temperature pull-down resistance is 10
.
NTC - Thermistor input to VRTT# circuit and a 60µA current
source is connected internally to this pin.
SOFT - A capacitor from this pin to GND sets the maximum
slew rate of the output voltage. SOFT is the non-inverting input
of the error amplifier.
OCSET - Overcurrent set input. A resistor from this pin to VO
sets DROOP voltage limit for OC trip. A 10µA current source is
connected internally to this pin.
VW - A resistor from this pin to COMP programs the switching
frequency (for example, 6.82k
 300kHz).
COMP - This pin is the output of the error amplifier.
FB - This pin is the inverting input of error amplifier.
FB2 - There is a switch between FB2 pin and the FB pin. The
switch is closed in single-phase operation and is opened in two
phase operation. The components connecting to FB2 are to
adjust the compensation in single phase operation to achieve
optimum performance.
VDIFF - This pin is the output of the differential amplifier.
VSEN - Remote core voltage sense input.
RTN - Remote core voltage sense return.
DROOP - Output of the droop amplifier. The voltage level on
this pin is the sum of VO and the droop voltage.
DFB - Inverting input to droop amplifier.
VO - An input to the IC that reports the local output voltage.
VSUM - This pin is connected to the summation junction of
channel current sensing.
VIN - Battery supply voltage. It is used for input voltage
feed-forward to improve input line transient performance.
GND - Signal ground. Connect to local controller ground.
VDD - 5V control power supply.
ISEN2 - Individual current sharing sensing for Channel 2. If
ISEN2 is pulled to 5V, phase 2’s gate signals are disabled.
ISL6262A is then configured in always-1-phase mode.
ISEN1 - Individual current sharing sensing for Channel 1.
N/C - Not connected. Grounding this pin to signal ground in the
practical layout.
BOOT2 - This pin is the upper gate driver supply voltage for
phase 2. An internal boot strap diode is connected to the
PVCC pin.
UGATE2 - Upper MOSFET gate signal for phase 2.
PHASE2 - The phase node of phase 2. Connect this pin to the
source of the Channel 2 upper MOSFET.
PGND2 - The return path of the lower gate driver for phase 2.
LGATE2 - Lower-side MOSFET gate signal for phase 2.
PVCC - 5V power supply for gate drivers.
LGATE1 - Lower-side MOSFET gate signal for phase 1.
PGND1 - The return path of the lower gate driver for phase 1.
PHASE1 - The phase node of phase 1. Connect this pin to the
source of the Channel 1 upper MOSFET.
UGATE1 - Upper MOSFET gate signal for phase 1.
BOOT1 - This pin is the upper-gate-driver supply voltage for
phase 1. An internal boot strap diode is connected to the
PVCC pin.
VID0, VID1, VID2, VID3, VID4, VID5, VID6 - VID input with
VID0 is the least significant bit (LSB) and VID6 is the most
significant bit (MSB).
VR_ON - Digital enable input. A logic high signal on this pin
enables the regulator.
DPRSLPVR - Deeper sleep enable signal. A logic high signal
on this pin indicates the micro-processor is in deeper-sleep
mode and also indicates a slow C4 entry or exit rate with 41µA
discharging or charging the SOFT capacitor.
DPRSTP# - Deeper sleep slow wake up signal. A logic low
signal on this pin indicates the micro-processor is in
deeper-sleep mode.
CLK_EN# - Digital output for system clock. Goes active 13
clks after Vcore is within 10% of Boot voltage.
3V3 - 3.3V supply voltage for CLK_EN#.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com