Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ISL6262A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL6262A
Description  Two-Phase Core Controller (Santa Rosa, IMVP-6)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6262A Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL6262A Datasheet HTML 1Page - Renesas Technology Corp ISL6262A Datasheet HTML 2Page - Renesas Technology Corp ISL6262A Datasheet HTML 3Page - Renesas Technology Corp ISL6262A Datasheet HTML 4Page - Renesas Technology Corp ISL6262A Datasheet HTML 5Page - Renesas Technology Corp ISL6262A Datasheet HTML 6Page - Renesas Technology Corp ISL6262A Datasheet HTML 7Page - Renesas Technology Corp ISL6262A Datasheet HTML 8Page - Renesas Technology Corp ISL6262A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
FN6343 Rev 1.00
Page 1 of 28
December 23, 2008
FN6343
Rev 1.00
December 23, 2008
ISL6262A
Two-Phase Core Controller (Santa Rosa, IMVP-6+)
DATASHEET
The ISL6262A is a two-phase buck converter regulator
implementing Intel® IMVP-6+ protocol with embedded gate
drivers. The two-phase buck converter uses two interleaved
channels to effectively double the output voltage ripple
frequency, and thereby reduce output voltage ripple
amplitude with fewer components; lower component cost;
reduced power dissipation; and smaller real estate area.
The heart of the ISL6262A is the patented R3 Technology™,
Intersil’s Robust Ripple Regulator modulator. Compared with
the traditional multiphase buck regulator, the R3
Technology™ has the fastest transient response. This is due
to the R3 modulator commanding variable switching
frequency during a load transient.
Intel® Mobile Voltage Positioning (IMVP) is a smart voltage
regulation technology, which effectively reduces power
dissipation in Intel® Pentium processors. To boost battery
life, the ISL6262A supports DPRSLPVR (deeper sleep),
DPRSTP# and PSI# functions, and maximizes the efficiency
via automatically enabling different phase operation modes.
At heavy load operation of the active mode, the regulator
commands the two phase continuous conduction mode
(CCM) operation. While the PSI# is asserted with medium
load in active mode, the ISL6262A smoothly disables one
phase and operates in one-phase CCM. When the CPU
enters deeper sleep mode, the ISL6262A enables diode
emulation to maximize the efficiency at light load.
For better system power management of the portable
computer, the ISL6262A also provides a CPU power monitor
output. The analog output at the power monitor pin can be
fed into an A/D converter to report instantaneous or average
CPU power.
A 7-bit digital-to-analog converter (DAC) allows dynamic
adjustment of the core output voltage from 0.300V to 1.500V.
A 0.5% system accuracy of the core output voltage
over-temperature is achieved by the ISL6262A.
A unity-gain differential amplifier is provided for remote CPU
die sensing. This allows the voltage on the CPU die to be
accurately measured and regulated per Intel® IMVP-6+
specifications. Current sensing can be realized using either
lossless inductor DCR sensing, or precision resistor sensing.
A single NTC thermistor network thermally compensates the
gain and the time constant of the DCR variations.
Features
• Precision Two/One-phase CORE Voltage Regulator
- 0.5% System Accuracy Over-Temperature
- Enhanced Load Line Accuracy
• Internal Gate Driver with 2A Driving Capability
• Dynamic Phase Adding/Dropping
• Microprocessor Voltage Identification Input
- 7-Bit VID Input
- 0.300V to 1.500V in 12.5mV Steps
- Support VID Change On-the-Fly
• Multiple Current Sensing Schemes Supported
- Lossless Inductor DCR Current Sensing
- Precision Resistive Current Sensing
• CPU Power Monitor
• Thermal Monitor
• User Programmable Switching Frequency
• Differential Remote CPU Die Voltage Sensing
• Static and Dynamic Current Sharing
• Overvoltage, Undervoltage, and Overcurrent Protection
• Pb-Free (RoHS Compliant)
Ordering Information
PART NUMBER
(Note)
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL6262ACRZ
ISL6262 ACRZ -10 to +100 48 Ld 7x7 QFN L48.7x7
ISL6262ACRZ-T* ISL6262 ACRZ -10 to +100 48 Ld 7x7 QFN L48.7x7
ISL6262AIRZ
ISL6262 AIRZ -40 to +100 48 Ld 7x7 QFN L48.7x7
ISL6262AIRZ-T* ISL6262 AIRZ -40 to +100 48 Ld 7x7 QFN L48.7x7
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special
Pb-free material sets, molding compounds/die attach materials, and
100% matte tin plate plus anneal (e3 termination finish, which is RoHS
compliant and compatible with both SnPb and Pb-free soldering
operations). Intersil Pb-free products are MSL classified at Pb-free peak
reflow temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.


Similar Part No. - ISL6262A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6262A INTERSIL-ISL6262A Datasheet
630Kb / 28P
Two-Phase Core Controller Santa Rosa, IMVP-6
December 23, 2008
ISL6262A INTERSIL-ISL6262A Datasheet
631Kb / 28P
Two-Phase Core Controller(Santa Rosa, IMVP-6)
December 23, 2008
ISL6262ACRZ INTERSIL-ISL6262ACRZ Datasheet
630Kb / 28P
Two-Phase Core Controller Santa Rosa, IMVP-6
December 23, 2008
ISL6262ACRZ INTERSIL-ISL6262ACRZ Datasheet
631Kb / 28P
Two-Phase Core Controller(Santa Rosa, IMVP-6)
December 23, 2008
ISL6262ACRZ-T INTERSIL-ISL6262ACRZ-T Datasheet
630Kb / 28P
Two-Phase Core Controller Santa Rosa, IMVP-6
December 23, 2008
More results

Similar Description - ISL6262A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6262A INTERSIL-ISL6262A Datasheet
630Kb / 28P
Two-Phase Core Controller Santa Rosa, IMVP-6
December 23, 2008
ISL6263 INTERSIL-ISL6263 Datasheet
493Kb / 19P
5-Bit VID Single-Phase Voltage Regulator for IMVP-6 Santa Rosa GPU Core
June 10, 2010
ISL6263A INTERSIL-ISL6263A Datasheet
490Kb / 19P
5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
July 8, 2010
ISL6266AHRZ INTERSIL-ISL6266AHRZ Datasheet
657Kb / 30P
Two-phase Core Controllers (Montevina, IMVP-6)
June 14, 2010
ISL6262ACRZ INTERSIL-ISL6262ACRZ Datasheet
631Kb / 28P
Two-Phase Core Controller(Santa Rosa, IMVP-6)
December 23, 2008
ISL6266HRZ INTERSIL-ISL6266HRZ Datasheet
802Kb / 31P
Two-phase Core Controllers(Montevina, IMVP-6)
August 25, 2015
logo
Renesas Technology Corp
ISL6266 RENESAS-ISL6266 Datasheet
1Mb / 31P
Two-phase Core Controllers (Montevina, IMVP-6)
ISL6263 RENESAS-ISL6263 Datasheet
799Kb / 19P
5-Bit VID Single-Phase Voltage Regulator for IMVP-6 Santa Rosa GPU Core
ISL6263A RENESAS-ISL6263A Datasheet
841Kb / 20P
5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
ISL6263B RENESAS-ISL6263B Datasheet
772Kb / 18P
5-Bit VID Single-Phase Voltage Regulator with Current Monitor for IMVP-6 Santa Rosa GPU Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com