Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3972 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3972 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LP3972 Datasheet HTML 16Page - National Semiconductor (TI) LP3972 Datasheet HTML 17Page - National Semiconductor (TI) LP3972 Datasheet HTML 18Page - National Semiconductor (TI) LP3972 Datasheet HTML 19Page - National Semiconductor (TI) LP3972 Datasheet HTML 20Page - National Semiconductor (TI) LP3972 Datasheet HTML 21Page - National Semiconductor (TI) LP3972 Datasheet HTML 22Page - National Semiconductor (TI) LP3972 Datasheet HTML 23Page - National Semiconductor (TI) LP3972 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
Buck Converter Operation (Continued)
SOFT START
The buck converter has a soft-start circuit that limits in-rush
current during start-up. During start-up the switch current
limit is increased in steps. Soft start is activated only if EN
goes from logic low to logic high after V
IN reaches 2.7V. Soft
start is implemented by increasing switch current limit in
steps of 213 mA, 425 mA, 850 mA and 1700 mA (typ. Switch
current limit). The start-up time thereby depends on the
output capacitor and load current demanded at start-up.
Typical start-up times with 10 µF output capacitor and 1000
mA load current is 390 µs and with 1 mA load current
its 295 µs.
LDO - LOW DROP OUT OPERATION
The LP3672 can operate at 100% duty cycle (no switching;
PMOS switch completely on) for low drop out support of the
output voltage. In this way the output voltage will be con-
trolled down to the lowest possible input voltage. When the
device operates near 100% duty cycle, output voltage ripple
is approximately 25 mV. The minimum input voltage needed
to support the output voltage is
V
IN, MIN =ILOAD *(RDSON, PFET +RINDUCTOR)+VOUT
I
LOAD
Load Current
R
DSON, PFET
Drain to source resistance of PFET
switch in the triode region
R
INDUCTOR
Inductor resistance
SPREAD SPECTRUM FEATURE
Periodic switching in the buck regulator is inherently a
noisier function block compared to an LDO. It can be chal-
lenging in some critical applications to comply with stringent
regulatory standards or simply to minimize interference to
sensitive circuits in space limited portable systems. The
regulator’s switching frequency and harmonics can cause
“noise” in the signal spectrum. The magnitude of this noise is
measured by its power spectral density. The power spectral
density of the switching frequency, F
C, is one parameter that
system designers want to be as low as practical to reduce
interference to the environment and subsystems within their
products. The LP3972 has a user selectable function on
chip, wherein a noise reduction technique known as “spread
spectrum” can be employed to ease customer’s design and
production issues.
The principle behind spread spectrum is to modulate the
switching frequency slightly and slowly, and spread the sig-
nal frequency over a broader bandwidth. Thus, its power
spectral density becomes attenuated, and the associated
interference electro-magnetic energy is reduced. The clock
used to modulate the LP3972 buck regulator can be used as
a spread spectrum clock via 2 I
2C control register (System
Control Register 1 (SCR1) 8h’80) bits bk_ssen, and slomod.
With this feature enabled, the intense energy of the clock
frequency can be spread across a small band of frequencies
in the neighborhood of the center frequency. The results in a
reduction of the peak energy!
The LP3972 spread spectrum clock uses a triangular modu-
lation profile with equal rise and fall slopes. The modulation
has the following characteristics:
The center frequency:
F
C = 2 MHz, and
The modulating frequency,
f
M = 6.8 kHz or 12 kHz.
Peak frequency deviation:
∆_f = ±100 kHz (or ±5%)
Modulation index
β = ∆_f/f
M = 14.7 or 8.3
Switching Energy RBW = 300 Hz
20207641
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com