Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3972 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3972 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button LP3972 Datasheet HTML 21Page - National Semiconductor (TI) LP3972 Datasheet HTML 22Page - National Semiconductor (TI) LP3972 Datasheet HTML 23Page - National Semiconductor (TI) LP3972 Datasheet HTML 24Page - National Semiconductor (TI) LP3972 Datasheet HTML 25Page - National Semiconductor (TI) LP3972 Datasheet HTML 26Page - National Semiconductor (TI) LP3972 Datasheet HTML 27Page - National Semiconductor (TI) LP3972 Datasheet HTML 28Page - National Semiconductor (TI) LP3972 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 59 page
background image
I
2C Compatible Interface (Continued)
OUTPUT VOLTAGE ENABLE REGISTER 1
This register enables or disables the low voltage supplies LDO1 and Buck1. See details below.
Output Voltage Enable Register 1 (OVER1) 8h’10
Bit
76543
2
1
0
Designation
Reserved
S_EN
Reserved
A_EN
Reset Value
00000
1
0
1
Output Voltage Enable Register 1 (OVER1) 8h’10 Definitions
Bit
Access
Name
Description
7-3
Reserved
2
R/W
S_EN
V
CC_SRAM (LDO5) Supply Output Enabled
0=V
CC_SRAM (LDO5) Supply Output Disabled
1=V
CC_SRAM (LDO5) Supply Output Enabled
1
Reserved
0
R/W
A_EN
V
CC_APPS (Buck1) Supply Output Enabled
0=V
CC_APPS (BUCK1) Supply Output Disabled
1=V
CC_APPS (BUCK1) Supply Output Enabled
OUTPUT VOLTAGE STATUS REGISTER
This 8 bit register is used to indicate the status of the low voltage supplies. By polling each of the specify supplies is within its
specified operating range.
Output Voltage Status Register 1 (OVSR1) 8h’11
Bit
7
6543
2
1
0
Designation
LP_OK
Reserved
S_OK
Reserved
A_OK
Reset Value
0
0000
0
0
0
Output Voltage Status Register 1 (OVSR1) 8h’11 Definitions
Bit
Access
Name
Description
7
R
LP_OK
Low Voltage Supply Output Voltage Status
0-V
CC_APPS (Buck1) & VCC_SRAM (LDO5) output voltage < 90% of
selected value
1-V
CC_APPS (Buck1) & VCC_SRAM (LDO5) output voltage > 90% of
selected value
6:3
Reserved
2
R
S_OK
V
CC_SRAM Supply Output Voltage Status
0-V
CC_SRAM (LDO5) output voltage < 90% of selected value
1-V
CC_SRAM (LDO5) output voltage > 90% of selected value
1
Reserved
0
R
A_OK
V
CC_APPS Supply output Voltage Status
0-V
CC_APPS(BUCK1) output voltage < 90% of selected value
1-V
CC_APPS(BUCK1) output voltage > 90% of selected value
www.national.com
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com