Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3972 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3972 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LP3972 Datasheet HTML 11Page - National Semiconductor (TI) LP3972 Datasheet HTML 12Page - National Semiconductor (TI) LP3972 Datasheet HTML 13Page - National Semiconductor (TI) LP3972 Datasheet HTML 14Page - National Semiconductor (TI) LP3972 Datasheet HTML 15Page - National Semiconductor (TI) LP3972 Datasheet HTML 16Page - National Semiconductor (TI) LP3972 Datasheet HTML 17Page - National Semiconductor (TI) LP3972 Datasheet HTML 18Page - National Semiconductor (TI) LP3972 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 59 page
background image
Back-Up Charger Electrical Characteristics
Unless otherwise noted, V
IN =VBATT = 3.6V. Typical values and limits appearing in normal type apply for TJ = 25˚C. Limits ap-
pearing in boldface type apply over the entire junction temperature range for operation, −40˚C to +125˚C. (Notes 2, 6) and
(Note 8).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IN
Operational Voltage Range
Voltage at V
IN
3.3
5.5
V
I
OUT
Backup Battery Charging Current
V
IN = 3.6V, Backup_Bat = 2.5V,
Backup Battery Charger Enabled
(Note 8)
190
µA
V
OUT
Charger Termination Voltage
V
IN = 5.0V Backup Battery Charger
Enabled. Programmable
2.91
3.1
V
Backup Battery Charger Short
Circuit Current
Backup_Bat = 0V, Backup Battery
Charger Enabled
9mA
PSRR
Power Supply Ripple Rejection
Ratio
I
OUT
≤ 50 µA, V
OUT = 3.15V
V
OUT + 0.4
≤ V
BATT =VIN
≤ 5.0V
f < 10 kHz
15
dB
I
Q
Quiescent Current
I
OUT < 50 µA
25
µA
C
OUT
Output Capacitance
0 µA
≤ I
OUT
≤ 100 µA
0.1
µF
Output Capacitor ESR
5
500
m
LP3972 BATTERY SWITCH OPERATION
The LP3972 has provisions for two battery connections, the main battery Vbat and Backup Battery
The function of the battery switch is to connect power to the RTC LDO from the appropriate battery, depending on conditions
described below:
If only the backup battery is applied, the switch will automatically connect the RTC LDO power to this battery.
If only the main battery is applied, the switch will automatically connect the RTC LDO power to this battery
If both batteries are applied, and the main battery is sufficiently charged (Vbat > 3.1V), the switch will automatically connect
the RTC LDO power to the main battery.
As the main battery is discharged a separate circuit called nBATT_FLT will warn the system. Then if no action is taken to
restore the charge on the main battery, and discharging is continued the battery switch will disconnect the input of the RTC_LDO
from the main battery and connect to the backup battery.
The main battery voltage at which the RTC LDO is switched over from main to backup battery is 2.8V typically.
There is a hysteric voltage in this switch operation so; the RTC LDO will not be reconnected to main battery until main battery
voltage is greater than 3.1V typically.
The system designer may wish to disable the battery switch when only a main battery is used. This is accomplished by setting
the “no back up battery bit” in the control register 8h’0B bit 7 NBUB. With this bit set to “1”, the above described switching will not
occur, that is the RTC LDO will remain connected to the main battery even as it is discharged below the 2.9V threshold. The
Backup battery input should also be connected to main battery.
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com