Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3972 Datasheet(PDF) 42 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3972 Datasheet(HTML) 42 Page - National Semiconductor (TI)

Back Button LP3972 Datasheet HTML 38Page - National Semiconductor (TI) LP3972 Datasheet HTML 39Page - National Semiconductor (TI) LP3972 Datasheet HTML 40Page - National Semiconductor (TI) LP3972 Datasheet HTML 41Page - National Semiconductor (TI) LP3972 Datasheet HTML 42Page - National Semiconductor (TI) LP3972 Datasheet HTML 43Page - National Semiconductor (TI) LP3972 Datasheet HTML 44Page - National Semiconductor (TI) LP3972 Datasheet HTML 45Page - National Semiconductor (TI) LP3972 Datasheet HTML 46Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 59 page
background image
I
2C Compatible Interface (Continued)
V
CC_BUCK 2 TARGET VOLTAGE REGISTER (B2TV) 8H’85
Bit
7
6
5
4**
3**
2**
1**
0**
Designation
Reserved
Buck 2 Output Voltage (B2OV)
Reset Value
0
0
0
11001
Note: ** denotes one time factory programmable EPROM registers for default values
V
CC_BUCK 2 TARGET VOLTAGE REGISTER (B2TV) 8H’85 DEFINITIONS
Bit
Access
Name
Description
7:5
Reserved
4:0
R/W
B2OV
Output Voltage
Data Code
5h’01
5h’02
5h’03
5h’04
5h’05
5h’06
5h’07
5h’08
5h’09
5h’0A
5h’0B
5h’0C
(V)
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
Data Code
5h’0D
5h’0E
5h’0F
5h’10
5h’11
5h’12
5h’13
5h’14
5h’15
5h’16
5h’17
5h’18
5h’19
(V)
1.40
1.45
1.50
1.55
1.60
1.65
1.70
1.80
1.90
2.50
2.80
3.00
3.30
BUCK 3 TARGET VOLTAGE REGISTER (B3TV) 8H’86
Bit
7
6
5
4**
3**
2**
1**
0**
Designation
Reserved
Buck 3 Output Voltage (B3OV)
Reset Value
0
0
0
10100
Note: ** denotes one time factory programmable EPROM registers for default values
BUCK 3 TARGET VOLTAGE REGISTER (B3TV) 8H’86 DEFINITIONS
Bit
Access
Name
Description
7:5
Reserved
4:0
R/W
B3OV
Output Voltage
Data Code
5h’01
5h’02
5h’03
5h’04
5h’05
5h’06
5h’07
5h’08
5h’09
5h’0A
5h’0B
5h’0C
(V)
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
Data Code
5h’0D
5h’0E
5h’0F
5h’11
5h’12
5h’13
5h’14
5h’15
5h’16
5h’17
5h’18
5h’19
(V)
1.40
1.45
1.50
1.60
1.65
1.70
1.80
1.90
2.50
2.80
3.00
3.30
Default
www.national.com
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com