Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS83940DI Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS83940DI
Description  Low Skew, 1 to 18 LVPECL to LVCMOS/LVTTL Fanout Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS83940DI Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS83940DI Datasheet HTML 1Page - Renesas Technology Corp ICS83940DI Datasheet HTML 2Page - Renesas Technology Corp ICS83940DI Datasheet HTML 3Page - Renesas Technology Corp ICS83940DI Datasheet HTML 4Page - Renesas Technology Corp ICS83940DI Datasheet HTML 5Page - Renesas Technology Corp ICS83940DI Datasheet HTML 6Page - Renesas Technology Corp ICS83940DI Datasheet HTML 7Page - Renesas Technology Corp ICS83940DI Datasheet HTML 8Page - Renesas Technology Corp ICS83940DI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
©2020 Renesas Electronics Corporation
January 7, 2020
ICS83940DI Datasheet
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only. Functional operation of product at these conditions or any conditions beyond those listed in the DC
Characteristics or AC Characteristics
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
product reliability.
DC Electrical Characteristics
Table 4A. DC Characteristics, VDD = VDDO = 3.3V ± 5%, TA = -40°C to 85°C
NOTE 1: VIL should not be less than -0.3V.
NOTE 2: Common mode voltage is defined as VIH.
Table 4B. DC Characteristics, VDD = 3.3V ± 5%, VDDO = 2.5V ± 5%, TA = -40°C to 85°C
NOTE 1: VIL should not be less than -0.3V.
NOTE 2: Common mode voltage is defined as VIH.
Item
Rating
Supply Voltage, VDD
3.6V
Inputs, VI
-0.3V to VDD + 0.3V
Outputs, VO
-0.3V to VDDO + 0.3V
Input Current, IIN
±20mA
Storage Temperature, TSTG
-65
C to 150C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
LVCMOS_CLK
2.4
VDD
V
VIL
Input Low Voltage
LVCMOS_CLK
0.8
V
IIN
Input Current
±200
µA
VOH
Output High Voltage
IOH = -20mA
2.4
V
VOL
Output Low Voltage
IOL = 20mA
0.5
V
VPP
Peak-to-Peak Input Voltage;
NOTE 1
PCLK, nPCLK
500
1000
mV
VCMR
Common Mode Input
Voltage; NOTE 1, 2
PCLK, nPCLK
VDD – 1.45
VDD – 0.6
V
IDD
Power Supply Current
25
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
LVCMOS_CLK
2.4
VDD
V
VIL
Input Low Voltage
LVCMOS_CLK
0.8
V
IIN
Input Current
±200
µA
VOH
Output High Voltage
IOH = -20mA
1.8
V
VOL
Output Low Voltage
IOL = 20mA
0.5
V
VPP
Peak-to-Peak Input Voltage;
NOTE 1
PCLK, nPCLK
300
1000
mV
VCMR
Common Mode Input
Voltage; NOTE 1, 2
PCLK, nPCLK
VDD – 1.4
VDD – 0.6
V
IDD
Power Supply Current
25
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com