Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS83940DI Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ICS83940DI
Description  Low Skew, 1 to 18 LVPECL to LVCMOS/LVTTL Fanout Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS83940DI Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ICS83940DI Datasheet HTML 4Page - Renesas Technology Corp ICS83940DI Datasheet HTML 5Page - Renesas Technology Corp ICS83940DI Datasheet HTML 6Page - Renesas Technology Corp ICS83940DI Datasheet HTML 7Page - Renesas Technology Corp ICS83940DI Datasheet HTML 8Page - Renesas Technology Corp ICS83940DI Datasheet HTML 9Page - Renesas Technology Corp ICS83940DI Datasheet HTML 10Page - Renesas Technology Corp ICS83940DI Datasheet HTML 11Page - Renesas Technology Corp ICS83940DI Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
©2020 Renesas Electronics Corporation
January 7, 2020
ICS83940DI Datasheet
Table 5C. AC Characteristics, VDD = VDDO = 2.5V ± 5%, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the
device is mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after
thermal equilibrium has been reached under these conditions.
NOTE: All parameters measured at 200MHz unless noted otherwise.
NOTE 1: Measured from the differential input crossing point to the output VDDO/2.
NOTE 2: Measured from VDD/2 to VDDO/2.
NOTE 3: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at VDDO/2.
NOTE 4: Defined as skew between outputs on different devices operating at the same supply voltage, same temperature and with equal
load conditions. Using the same type of inputs on each device, the outputs are measured at VDDO/2.
NOTE 5: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 6: Defined as skew between outputs on different devices, across temperature and voltage ranges, and with equal load conditions.
Using the same type of inputs on each device, the outputs are measured at VDDO/2.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
200
MHz
tPLH
Propagation
Delay
PCLK, nPCLK; NOTE 1, 5
ƒ
 150MHz
1.2
3.8
ns
LVCMOS_CLK; NOTE 2, 5
ƒ
 150MHz
1.5
3.2
ns
Propagation
Delay
PCLK, nPCLK; NOTE 1, 5
ƒ > 150MHz
1.5
3.7
ns
LVCMOS_CLK; NOTE 2, 5
ƒ > 150MHz
2.0
3.6
ns
t
sk(o)
Output Skew;
NOTE 3, 5
PCLK, nPCLK
Measured on the Rising
Edge
at VDDO/2
200
ps
LVCMOS_CLK
200
ps
t
sk(pp)
Part-to-Part Skew;
NOTE 6
PCLK, nPCLK
ƒ
 150MHz
2.6
ns
LVCMOS_CLK
ƒ
 150MHz
1.7
ns
Part-to-Part Skew;
NOTE 6
PCLK, nPCLK
ƒ > 150MHz
2.2
ns
LVCMOS_CLK
ƒ > 150MHz
1.7
ns
Part-to-Part Skew;
NOTE 4, 5
PCLK, nPCLK
Measured on the Rising
Edge
at VDDO/2
1.2
ns
LVCMOS_CLK
1.0
ns
tR / tF
Output Rise/Fall Time
0.5V to 1.8V
0.3
1.2
ns
odc
Output Duty Cycle
ƒ < 166MHz
40
60
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com