Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS83940DI Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS83940DI
Description  Low Skew, 1 to 18 LVPECL to LVCMOS/LVTTL Fanout Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS83940DI Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS83940DI Datasheet HTML 1Page - Renesas Technology Corp ICS83940DI Datasheet HTML 2Page - Renesas Technology Corp ICS83940DI Datasheet HTML 3Page - Renesas Technology Corp ICS83940DI Datasheet HTML 4Page - Renesas Technology Corp ICS83940DI Datasheet HTML 5Page - Renesas Technology Corp ICS83940DI Datasheet HTML 6Page - Renesas Technology Corp ICS83940DI Datasheet HTML 7Page - Renesas Technology Corp ICS83940DI Datasheet HTML 8Page - Renesas Technology Corp ICS83940DI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
©2020 Renesas Electronics Corporation
January 7, 2020
PRODUCT DISCONTINUATION NOTICE - LAST TIME BUY EXPIRES MAY 6, 2017 (83940DKILF)
General Description
The ICS83940DI is a low skew, 1 to 18 LVPECL to
LVCMOS/LVTTL fanout buffer. The ICS83940DI has two
selectable clock inputs. The PCLK, nPCLK pair can accept
LVPECL, CML, or SSTL input levels. The LVCMOS_CLK can
accept LVCMOS or LVTTL input levels. The low impedance
LVCMOS/LVTTL outputs are designed to drive 50
 series or
parallel terminated transmission lines.
The ICS83940DI is characterized at full 3.3V and 2.5V or mixed
3.3V core, 2.5V output operating supply modes. Guaranteed
output and part-to-part skew characteristics make the ICS83940DI
ideal for those clock distribution applications demanding well
defined performance and repeatability.
Block Diagram
Features
• Eighteen LVCMOS/LVTTL outputs
• Selectable LVCMOS_CLK or LVPECL clock inputs
• PCLK, nPCLK pair can accept the following differential input
levels: LVPECL, CML, SSTL
• LVCMOS_CLK supports the following input types: LVCMOS or
LVTTL
• Maximum output frequency: 250MHz
• Output skew: 150ps (maximum)
• Part-to-part skew: 750ps (maximum)
• Operating supply modes:
• Core/Output
3.3V/3.3V
3.3V/2.5V
2.5V/2.5V
• -40°C to 85°C ambient operating temperature
• Lead-free (RoHS 6) packaging
• For functional replacement part for 83940DKILF, use 87016i
Pin Assignments
32 Lead VFQFN
5mm x 5mm x 0.925mm package body
K Package
Top View
32-Lead LQFP
7mm x 7mm x 1.4mm package body
Y Package
Top View
CLK_SEL
PCLK
nPCLK
LVCMOS_CLK
0
1
18
Q0:Q17
Pulldown
Pulldown
Pulldown
Pullup/Pulldown
9
10 11 12 13 14 15 16
32 31 30
29 28
27 26 25
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
GND
GND
LVCMOS_CLK
CLK_SEL
PCLK
nPCLK
VDD
VDDO
Q6
Q7
Q8
VDD
Q9
Q10
Q11
GND
ICS83940DI
32 31 30 29 28 27 26 25
9 10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
Q6
Q7
Q8
VDD
Q9
Q10
Q11
GND
GND
GND
LVCMOS_CLK
CLK_SEL
PCLK
nPCLK
VDD
VDDO
ICS83940DI
Low Skew, 1 to 18 LVPECL to
LVCMOS/LVTTL Fanout Buffer
ICS83940DI
Datasheet


Similar Part No. - ICS83940DI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83940DI ICST-ICS83940DI Datasheet
112Kb / 13P
LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
REV. A DECEMBER 12, 2002
logo
Integrated Device Techn...
ICS83940DI IDT-ICS83940DI Datasheet
456Kb / 19P
Operating supply modes
ICS83940DI IDT-ICS83940DI Datasheet
237Kb / 19P
Low Skew, 1-to18 LVPECL-to-LVCMOS/LVTTL Fanout Buffer
logo
Integrated Circuit Syst...
ICS83940DI01 ICST-ICS83940DI01 Datasheet
262Kb / 13P
LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
REV. A MARCH 1, 2004
ICS83940DI01L ICST-ICS83940DI01L Datasheet
262Kb / 13P
LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
REV. A MARCH 1, 2004
More results

Similar Description - ICS83940DI

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C48535-01 PERICOM-PI6C48535-01 Datasheet
347Kb / 5P
3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
logo
Integrated Circuit Syst...
ICS83940I-01 ICST-ICS83940I-01 Datasheet
262Kb / 13P
LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
REV. A MARCH 1, 2004
ICS83940D ICST-ICS83940D Datasheet
296Kb / 15P
LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
REV. B JUNE 15, 2004
ICS83940DI ICST-ICS83940DI Datasheet
112Kb / 13P
LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
REV. A DECEMBER 12, 2002
logo
Integrated Device Techn...
ICS83940DI IDT-ICS83940DI_16 Datasheet
237Kb / 19P
Low Skew, 1-to18 LVPECL-to-LVCMOS/LVTTL Fanout Buffer
83940-01 IDT-83940-01 Datasheet
190Kb / 15P
Low Skew, 1-to-18 LVPECL-TO-LVCMOS / LVTTL Fanout Buffer
83940I-01 IDT-83940I-01 Datasheet
221Kb / 19P
Low Skew, 1-to-18 LVPECL-to-LVCMOS/LVTTL Fanout
logo
Renesas Technology Corp
83940-01 RENESAS-83940-01 Datasheet
399Kb / 16P
Low Skew, 1-to-18 LVPECL-TO-LVCMOS / LVTTL Fanout Buffer
NOVEMBER 4, 2014
83940D RENESAS-83940D Datasheet
428Kb / 17P
Low Skew, 1-to-18 LVPECL-TO-LVCMOS / LVTTL Fanout Buffer
REVISION B 3/25/15
ICS83940I-01 RENESAS-ICS83940I-01 Datasheet
418Kb / 20P
Low Skew, 1-to-18 LVPECL-to-LVCMOS/LVTTL Fanout
Rev A 3/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com