Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS83940DI Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ICS83940DI
Description  Low Skew, 1 to 18 LVPECL to LVCMOS/LVTTL Fanout Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS83940DI Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ICS83940DI Datasheet HTML 5Page - Renesas Technology Corp ICS83940DI Datasheet HTML 6Page - Renesas Technology Corp ICS83940DI Datasheet HTML 7Page - Renesas Technology Corp ICS83940DI Datasheet HTML 8Page - Renesas Technology Corp ICS83940DI Datasheet HTML 9Page - Renesas Technology Corp ICS83940DI Datasheet HTML 10Page - Renesas Technology Corp ICS83940DI Datasheet HTML 11Page - Renesas Technology Corp ICS83940DI Datasheet HTML 12Page - Renesas Technology Corp ICS83940DI Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
©2020 Renesas Electronics Corporation
January 7, 2020
ICS83940DI Datasheet
Parameter Measurement Information
3.3V Core/3.3V LVCMOS Output Load AC Test Circuit
3.3V Core/2.5V LVCMOS Output Load AC Test Circuit
Part-to-Part Skew
2.5V Core/2.5V LVCMOS Output Load AC Test Circuit
Differential Input Level
Output Skew
SCOPE
Qx
GND
VDD,
1.65V±5%
-1.65V±5%
VDDO
SCOPE
Qx
GND
VDD
-1.25V±5%
1.25V±5%
2.05V±5%
VDDO
tsk(pp)
V
DDO
2
V
DDO
2
Part 1
Part 2
Qx
Qy
SCOPE
Qx
GND
VDD,
1.25V±5%
-1.25V±5%
VDDO
VDD
GND
PCLK
nPCLK
V
CMR
Cross Points
V
PP
tsk(o)
V
DDO
2
V
DDO
2
Qx
Qy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com