Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC93R52 Datasheet(PDF) 10 Page - Motorola, Inc

Part # MPC93R52
Description  LOW VOLTAGE 3.3V LVCMOS 1:11 CLOCK GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC93R52 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MPC93R52 Datasheet HTML 6Page - Motorola, Inc MPC93R52 Datasheet HTML 7Page - Motorola, Inc MPC93R52 Datasheet HTML 8Page - Motorola, Inc MPC93R52 Datasheet HTML 9Page - Motorola, Inc MPC93R52 Datasheet HTML 10Page - Motorola, Inc MPC93R52 Datasheet HTML 11Page - Motorola, Inc MPC93R52 Datasheet HTML 12Page - Motorola, Inc MPC93R52 Datasheet HTML 13Page - Motorola, Inc MPC93R52 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MPC93R52
MOTOROLA
TIMING SOLUTIONS
10
Figure 11. Single versus Dual Waveforms
TIME (nS)
3.0
2.5
2.0
1.5
1.0
0.5
0
2
4
6
8
10
12
14
OutB
tD = 3.9386
OutA
tD = 3.8956
In
Since this step is well above the threshold region it will not
cause any false clock triggering, however designers may be
uncomfortable with unwanted reflections on the line. To better
match the impedances when driving multiple lines the
situation in Figure 12. “Optimized Dual Line Termination”
should be used. In this case the series terminating resistors
are reduced such that when the parallel combination is added
to the output buffer impedance the line impedance is perfectly
matched.
Figure 12. Optimized Dual Line Termination
14
MPC93R52
OUTPUT
BUFFER
RS = 22Ω
ZO = 50Ω
RS = 22Ω
ZO = 50Ω
14
Ω + 22Ω k 22Ω = 50Ω k 50Ω
25
Ω = 25Ω
Figure 13. CCLK MPC93R52 AC test reference for Vcc = 3.3V and Vcc = 2.5V
Pulse
Generator
Z = 50
W
RT = 50Ω
ZO = 50Ω
RT = 50Ω
ZO = 50Ω
MPC93R52
DUT
VTT
VTT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com