Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB97CFDC2-01 Datasheet(PDF) 1 Page - SMSC Corporation

Part # USB97CFDC2-01
Description  USB Floppy Disk Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97CFDC2-01 Datasheet(HTML) 1 Page - SMSC Corporation

  USB97CFDC2-01 Datasheet HTML 1Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 2Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 3Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 4Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 5Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 6Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 7Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 8Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
SMSC DS – USB97CFDC2-01
Rev. 02-27-07
DATASHEET
USB97CFDC2-01
USB Floppy Disk Controller
FEATURES
3.3 Volt, Low Power Operation
Complete USB Specification 1.1 Compatibility
- Includes USB Transceiver
- Based on an Enhanced Version of SMSC’s
Industry Proven USB97C100 USB Controller
Complete System Solution Including USB Mass
Storage Class Compliant Win98/2000 Driver and
Firmware
- Supports 640K, 720K, 1.44M, 1.2M Windows 98
J, and 1.2M NEC DOS 6.x Formats
- Supports Both the UFI and SFF8070i Command
Sets
- Supports USB Mass Storage Compliant Bootable
Floppy BIOS
- 4ms Seek Times
- USB 1.1 Compliance, Including Low Power
Device Class SUSPEND Mode Operation and
Power Control of Disk Drive
- Disk Drive Feedback of Readiness Upon Power
Re-Application Option
- Option for Ultra High Performance Using
Additional Caching SRAM
- Support for Floppy Drive Power Control
Contains SMSC’s Industry Proven Floppy Disk
Controller
- Licensed CMOS 765B Floppy Disk Controller
- Supports Single Normal or Three Mode Floppy
Drives
- Supports Vertical Recording Format and High
Capacity Drives in User Written Firmware
Applications
- Detects All Overrun and Underrun Conditions
- Sophisticated Power Control Circuitry (PCC)
Including Multiple Powerdown Modes for
Reduced Power Consumption
Enhanced Digital Data Separator
- 1 Mbps, 500 Kbps, 300 Kbps, 250 Kbps Data
Rates
- Programmable Precompensation Modes
Intelligent Auto Power Management
- <250µA SUSPEND Current
- <75mA Operating Current
Integrated 32Kbyte Program ROM
- Uses external 3 wire serial EEPROM provides
storage for unique OEM identification and string
descriptors and drive option settings.
- 10 options for various drive parameters are
externally selectable via serial EEPROM data.
Optional External Program Memory Interface for
Custom Applications
- 32K Byte Code Space
- Flash, SRAM, or EPROM Memory
4KB Internal Buffer SRAM for High Performance
Operation
Integrated 14.318 MHz Crystal Driver Circuit
100 pin TQFP lead-free RoHS compliant package
(12.0 x 12.0 mm body)
- 25% smaller body size than other 100 pin TQFP
packages
ORDERING INFORMATION
Order Number:
USB97CFDC2-MV-01X for 100 pin TQFP lead-free RoHS compliant package


Similar Part No. - USB97CFDC2-01

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB97CFDC SMSC-USB97CFDC Datasheet
143Kb / 20P
USB FLOPPY DISK CONTROLLER
USB97CFDC-MN SMSC-USB97CFDC-MN Datasheet
143Kb / 20P
USB FLOPPY DISK CONTROLLER
More results

Similar Description - USB97CFDC2-01

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM82C765B HYNIX-GM82C765B Datasheet
222Kb / 36P
FLOPPY DISK SUBSYSTEM CONTROLLER
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
WD76C20 ETC-WD76C20 Datasheet
2Mb / 55P
FLOPPY DISK CONTROLLER PORTION
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
FLOPPY DISK CONTROLLER
logo
SMSC Corporation
97CFDC SMSC-97CFDC Datasheet
143Kb / 20P
USB FLOPPY DISK CONTROLLER
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
FLOPPY DISK CONTROLLER
logo
NEC
UPD72069 NEC-UPD72069 Datasheet
1Mb / 23P
UPD72069 Floppy-Disk Controller
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78_07 Datasheet
347Kb / 82P
Floppy Disk Controller
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
Floppy Disk Controller
Rev. 02-16-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com