Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB97CFDC2-01 Datasheet(PDF) 10 Page - SMSC Corporation

Part # USB97CFDC2-01
Description  USB Floppy Disk Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97CFDC2-01 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button USB97CFDC2-01 Datasheet HTML 6Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 7Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 8Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 9Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 10Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 11Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 12Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 13Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
SMSC DS – USB97CFDC2-01
Page 10
Rev. 02-27-07
DATASHEET
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
18
Crystal Output XTAL2
OCLKx
14.318Mhz Crystal
This is the other terminal of the crystal, or left open
when an external clock source is used to drive
XTAL1/CLKIN.
It may not be used to drive any
external circuitry other than the crystal circuit.
20
ROM Enable ROMEN
IP
If this input is tied high or left open, the internal
program ROM is enabled. If tied low, external
program
memory
can
be
used
for
custom
applications.
24
Drive Density
Output
HDO
I
In some configurations of the USB97CFDC, this
drive pin indicates if a 640/720K disk is inserted in
the drive. Polarity of this signal is determined by
the configuration selected by the OPT[3:0] pins at
reset. If this pin is not driven by the drive, it should
be tied low.
25
Drive Ready
nDRVRDY
I
An active low signal on this pin from the floppy disk
drive, after DS0 goes active, indicates that the
system may activate MTR0. If the drive does not
supply this signal, this pin should be tied low.
26
Drive Power
nFDPWR
OD24
This active low signal is intended to activate an
external power switch, either in the drive or on the
system board, to supply power to the floppy disk
drive. It is active whenever the USB97CFDC2-01
is not in SUSPEND mode.
21
RESET input
nRESET
IS
This active low signal is used by the system to
reset the chip. The active low pulse should be at
least 100ns wide.
22
Test output
TSTOUT
O8
This signal is used for testing the chip via an
internal XNOR chain. User should normally leave it
unconnected.
15
Test input
nTEST
I
This signal is a manufacturing test pin. It should
be tied to VDD for normal operation.
16
Test Enable
nTESTEN
I
This active low signal places the device into board
test mode using the XNOR chain. For normal
operation this pin should be tied high. See Board
Test Mode Operation on page 14
POWER, GROUND, AND NO CONNECTS
14, 39, 60,
82, 93
VDD
+3.3V power
8, 19, 27, 43,
52, 66, 79,
81, 88
GND
Ground Reference
1-7, 9-13, 23,
51, 78, 80,
83-87, 89-92,
94-100
NC
No Connect. These pins should not be connected
externally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com