Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB97CFDC2-01 Datasheet(PDF) 8 Page - SMSC Corporation

Part # USB97CFDC2-01
Description  USB Floppy Disk Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97CFDC2-01 Datasheet(HTML) 8 Page - SMSC Corporation

Back Button USB97CFDC2-01 Datasheet HTML 4Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 5Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 6Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 7Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 8Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 9Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 10Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 11Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
SMSC DS – USB97CFDC2-01
Page 8
Rev. 02-27-07
DATASHEET
5
PIN DESCRIPTIONS
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
FLOPPY DISK INTERFACE
75
Read Disk
Data
nRDATA
IS
Raw serial bit stream from the disk drive, low
active.
Each falling edge represents a flux
transition of the encoded data.
69
Write
Data
nWDATA
OD12
This active low high current driver provides the
encoded data to the disk drive. Each falling edge
causes a flux transition on the media. This pin is
high impedance when nRESET is active low.
71
Head
Select
nHDSEL
OD12
This high current output selects the floppy disk
side for reading or writing. A logic "1" on this pin
means side 0 will be accessed, while a logic "0"
means side 1 will be accessed. . This pin is high
impedance when nRESET is active low.
67
Direction
Control
nDIR
OD12
This high current low active output determines the
direction of the head movement. A logic "1" on this
pin means outward motion, while a logic "0" means
inward motion. This pin is high impedance when
nRESET is active low.
68
Step Pulse
nSTEP
OD12
This active low high current driver issues a low
pulse for each track-to-track movement of the
head. This pin is high impedance when nRESET is
active low.
76
Disk Change
nDSKCHG
IS
This input senses that the drive door is open or
that the diskette has possibly been changed since
the last drive selection.
63
DRVDEN 0
DRVDEN 0
OD12
An active low on this pin indicates a disk drive
spindle speed change from 300 RPM to 360 RPM
or 1.2M format disks in three mode drives. This
pin should be tied to the disk drives spindle speed
control input pin. This pin is high impedance when
nRESET is active low.
77
DRVDEN 1
DRVDEN1
OD12
Reserved for future use.
70
Write Gate
nWGATE
OD12
This active low high current driver allows current to
flow through the write head. It becomes active just
prior to writing to the diskette. This pin is high
impedance when nRESET is active low.
73
Track 0
nTRK0
IS
This active low Schmitt Trigger input senses from
the disk drive that the head is positioned over the
outermost track.
72
Index
nINDEX
IS
This active low Schmitt Trigger input senses from
the disk drive that the head is positioned over the
beginning of a track, as marked by an index hole.
74
Write Protect
nWRTPRT
IS
This active low Schmitt Trigger input senses from
the disk drive that a disk is write protected. Any
write command is ignored.
64
Motor On 0
nMTR0
OD12
This active low open drain output selects motor
drive 0. This pin is high impedance when nRESET
is active low.
65
Drive Select 0 nDS0
OD12
This active low open drain output selects drive 0.
This pin is high impedance when nRESET is active
low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com