Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB97CFDC2-01 Datasheet(PDF) 5 Page - SMSC Corporation

Part # USB97CFDC2-01
Description  USB Floppy Disk Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97CFDC2-01 Datasheet(HTML) 5 Page - SMSC Corporation

  USB97CFDC2-01 Datasheet HTML 1Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 2Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 3Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 4Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 5Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 6Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 7Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 8Page - SMSC Corporation USB97CFDC2-01 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
SMSC DS – USB97CFDC2-01
Page 5
Rev. 02-27-07
DATASHEET
2
DESCRIPTION OF PIN FUNCTIONS
FLOPPY DISK INTERFACE (14 Pins)
nTRK0
nINDEX
nWRTPRT
nDSKCHG
nRDATA
DRVDEN0
DRVDEN1
nSTEP
nWDATA
nWGATE
nHDSEL
nDIR
nDSO
nMTR0
USB INTERFACE (4 Pins)
USB+
USB-
AVDD
AGND
EXTERNAL FLASH ROM INTERFACE (26 Pins)
FD0/OPT0
FD1/OPT1
FD2/OPT2
FD3/OPT3
FD4/IN0
FD5/OUT0
FD6/OUT1
FD7/OUT2
FA0
FA1
FA2
FA3
FA4
FA5
FA6
FA7
FA8
FA9
FA10
FA11
FA12
FA13
FA14
FA15
nFRD
nFCE
MISC (10 Pins)
ROMEN
HDO
nDRVRDY
nFDPWR
XTAL1/CLKIN
XTAL2
nRESET
nTEST
TST_OUT
nTESTEN
POWER, GROUNDS, and NO CONNECTS (46 Pins)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com