Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCK2001R Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCK2001R
Description  14.318 . 133 MHz I2C 1:6 clock buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2001R Datasheet(HTML) 4 Page - NXP Semiconductors

  PCK2001R Datasheet HTML 1Page - NXP Semiconductors PCK2001R Datasheet HTML 2Page - NXP Semiconductors PCK2001R Datasheet HTML 3Page - NXP Semiconductors PCK2001R Datasheet HTML 4Page - NXP Semiconductors PCK2001R Datasheet HTML 5Page - NXP Semiconductors PCK2001R Datasheet HTML 6Page - NXP Semiconductors PCK2001R Datasheet HTML 7Page - NXP Semiconductors PCK2001R Datasheet HTML 8Page - NXP Semiconductors PCK2001R Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Product specification
PCK2001R
14.318 – 133 MHz I2C 1:6 clock buffer
2000 Jul 25
4
DC CHARACTERISTICS
TEST CONDITIONS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = 0°C to +70°C
UNIT
VDD (V)
OTHER
MIN
MAX
VIH
HIGH level input voltage
3.135 to 3.465
2.0
VDD + 0.3
V
VIL
LOW level input voltage
3.135 to 3.465
VSS – 0.3
0.8
V
VOH
3.3V output HIGH voltage
3.135 to 3.465
IOH = –1mA
3.1
V
VOL
3.3V output LOW voltage
3.135 to 3.465
IOL= 1mA
50
mV
IOH
Output HIGH current
3.135 to 3.465
VOUT = 1.5V
–70
–185
mA
IOL
Output LOW current
3.135 to 3.465
VOUT = 1.5V
65
160
mA
±II
Input leakage current
3.465
–5
5
µA
ICC
Quiescent supply current
3.465
VI = VDD or GND
IO = 0
100
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com