Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCK2001R Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCK2001R
Description  14.318 . 133 MHz I2C 1:6 clock buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2001R Datasheet(HTML) 1 Page - NXP Semiconductors

  PCK2001R Datasheet HTML 1Page - NXP Semiconductors PCK2001R Datasheet HTML 2Page - NXP Semiconductors PCK2001R Datasheet HTML 3Page - NXP Semiconductors PCK2001R Datasheet HTML 4Page - NXP Semiconductors PCK2001R Datasheet HTML 5Page - NXP Semiconductors PCK2001R Datasheet HTML 6Page - NXP Semiconductors PCK2001R Datasheet HTML 7Page - NXP Semiconductors PCK2001R Datasheet HTML 8Page - NXP Semiconductors PCK2001R Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Philips
Semiconductors
PCK2001R
14.318 – 133 MHz I2C 1:6 clock buffer
Product specification
2000 Jul 25
INTEGRATED CIRCUITS


Similar Part No. - PCK2001R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2001 PHILIPS-PCK2001 Datasheet
80Kb / 13P
14.318-150 MHz I2C 1:18 Clock Buffer
1999 Jul 06
PCK2001DL PHILIPS-PCK2001DL Datasheet
80Kb / 13P
14.318-150 MHz I2C 1:18 Clock Buffer
1999 Jul 06
PCK2001M PHILIPS-PCK2001M Datasheet
79Kb / 13P
14.318-150 MHz I2C 1:10 Clock Buffer
1999 Jul 06
PCK2001MDB PHILIPS-PCK2001MDB Datasheet
79Kb / 13P
14.318-150 MHz I2C 1:10 Clock Buffer
1999 Jul 06
More results

Similar Description - PCK2001R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC903 MOTOROLA-MPC903 Datasheet
91Kb / 6P
1:6 PCI CLOCK GENERATOR/ FANOUT BUFFER
logo
NXP Semiconductors
PCK2001 PHILIPS-PCK2001 Datasheet
80Kb / 13P
14.318-150 MHz I2C 1:18 Clock Buffer
1999 Jul 06
PCK2001M PHILIPS-PCK2001M Datasheet
79Kb / 13P
14.318-150 MHz I2C 1:10 Clock Buffer
1999 Jul 06
PCK2002 PHILIPS-PCK2002 Datasheet
95Kb / 12P
0-300 MHz I2C 1:18 clock buffer
2001 Jul 19
PCK2002M PHILIPS-PCK2002M Datasheet
92Kb / 12P
0-300 MHz I2C 1:10 clock buffer
2001 Jul 19
logo
Cypress Semiconductor
B9946 CYPRESS-B9946 Datasheet
57Kb / 5P
3.3V, 160-MHz, 1:10 Clock Distribution Buffer
logo
Integrated Device Techn...
MPC905 IDT-MPC905 Datasheet
381Kb / 7P
1:6 PCI Clock Generator/Fanout Buffer
logo
ON Semiconductor
NB3W1900L ONSEMI-NB3W1900L_16 Datasheet
181Kb / 20P
3.3 V 100/133 MHz Differential 1:19 HCSL-Compatible Push?륯ull Clock ZDB/Fanout Buffer
July, 2016 ??Rev. 1
logo
Integrated Device Techn...
IDT5T9306 IDT-IDT5T9306_12 Datasheet
163Kb / 17P
2.5V LVDS 1:6 Clock Buffer Terabuffer
IDT8R9306I IDT-IDT8R9306I Datasheet
654Kb / 19P
2.5V LVDS, 1:6 Clock Buffer Terabuffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com