Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCK2001R Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCK2001R
Description  14.318 . 133 MHz I2C 1:6 clock buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2001R Datasheet(HTML) 5 Page - NXP Semiconductors

  PCK2001R Datasheet HTML 1Page - NXP Semiconductors PCK2001R Datasheet HTML 2Page - NXP Semiconductors PCK2001R Datasheet HTML 3Page - NXP Semiconductors PCK2001R Datasheet HTML 4Page - NXP Semiconductors PCK2001R Datasheet HTML 5Page - NXP Semiconductors PCK2001R Datasheet HTML 6Page - NXP Semiconductors PCK2001R Datasheet HTML 7Page - NXP Semiconductors PCK2001R Datasheet HTML 8Page - NXP Semiconductors PCK2001R Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
PCK2001R
14.318 – 133 MHz I2C 1:6 clock buffer
2000 Jul 25
5
AC CHARACTERISTICS
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
Tamb = 0°C to +70°C
UNIT
NOTES
MIN
TYP9
MAX
TP
CLK period
1, 6
29.9
30.0
30.2
TH
CLK HIGH time
33MHz
2, 6, 8
12.3
14.3
16.3
ns
TL
CLK LOW time
3, 6, 8
12.1
14.1
16.1
TP
CLK period
1, 6
14.9
15.0
15.2
TH
CLK HIGH time
66MHz
2, 6, 8
5.6
6.8
8.0
ns
TL
CLK LOW time
3, 6, 8
5.3
6.5
7.7
TP
CLK period
1,6
9.9
10.01
10.2
TH
CLK HIGH time
100MHz
2, 6, 8
3.3
4.2
5.1
ns
TL
CLK LOW time
3, 6, 8
3.2
4.1
5.0
TP
CLK period
1, 6
7.4
7.5
7.7
TH
CLK HIGH time
133MHz
2, 6, 8
2.6
3.1
3.6
ns
TL
CLK LOW time
3, 6, 8
2.2
2.7
3.2
TSDRISE
Rise time
4, 6, 10
1.5
2.0
4.0
V/ns
TSDFALL
Fall time
4, 6, 11
1.5
2.5
4.0
V/ns
TPLH
Buffer LH propagation delay
6, 7
1.0
2.4
3.5
ns
TPHL
Buffer HL propagation delay
6, 7
1.0
2.6
3.5
ns
DUTY CYCLE
Output Duty Cycle
Measured at 1.5V
5, 6, 7
45
50
55
%
TSKW
Bus CLK skew
1, 6
150
250
ps
TDDSKW
Device to device skew
500
ps
NOTES:
1. Clock period and skew are measured on the rising edge at 1.5V.
2. TH is measured at 2.4V as shown in Figure 2.
3. TL is measured at 0.4V as shown in Figure 2.
4. TSDRISE and TSDFALL are measured as a transition through the threshold region VOL = 0.4V and VOH = 2.4V (1 mA) JEDEC specification.
5. Duty cycle should be tested with a 50/50% input.
6. Over MIN (20pF) to MAX (30pF) discrete load, process, voltage, and temperature.
7. Input edge rate for these tests must be faster than 1 V/ns.
8. Calculated at minimum edge rate (1.5ns) to guarantee 45/55% duty cycle at 1.5V. Pulsewidth is required to be wider at the faster edge to
ensure duty cycle specification is met.
9. All typical values are at VCC = 3.3V and Tamb = 25°C.
10. Typical is measured with MAX (30pF) discrete load.
11. Typical is measured with MIN (20pF) discrete load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com