Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCK2001R Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCK2001R
Description  14.318 . 133 MHz I2C 1:6 clock buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2001R Datasheet(HTML) 2 Page - NXP Semiconductors

  PCK2001R Datasheet HTML 1Page - NXP Semiconductors PCK2001R Datasheet HTML 2Page - NXP Semiconductors PCK2001R Datasheet HTML 3Page - NXP Semiconductors PCK2001R Datasheet HTML 4Page - NXP Semiconductors PCK2001R Datasheet HTML 5Page - NXP Semiconductors PCK2001R Datasheet HTML 6Page - NXP Semiconductors PCK2001R Datasheet HTML 7Page - NXP Semiconductors PCK2001R Datasheet HTML 8Page - NXP Semiconductors PCK2001R Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
PCK2001R
14.318 – 133 MHz I2C 1:6 clock buffer
2
2000 Jul 25
853-2210 24202
FEATURES
Typically used to support four registered SDRAM DIMMs
16-pin SSOP package
See PCK2001 for 48-pin 1:18 buffer part
See PCK2001M for 28-pin 1:10 buffer part
Optimized for 33 MHz, 66 MHz, 100 MHz and 133 MHz operation
Part-to-part skew < 500 ps
175 ps skew outputs typical
Individual SDRAM clock output enable/disable via I2C
Multiple V
DD, VSS pins for noise reduction
3.3 V operation
ESD protection exceeds 2000 V per Standard 801.2
DESCRIPTION
The PCK2001R is a 1–6 fanout buffer used for 133/100 MHz CPU,
66/33 MHz PCI, 14.318 MHz REF, or 133/100/66 MHz SDRAM clock
distribution. 6 outputs are typically used to support up to 4 registered
SDRAM DIMMs commonly found in server applications.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
BUF_IN to BUF_OUTn
VCC = 3.3 V, CL = 30 pF
2.5
2.5
ns
tr
Rise time
VCC = 3.3 V, CL = 30 pF
1.0
ns
tf
Fall time
VCC = 3.3 V, CL = 20 pF
700
ps
ICC
Total supply current
VCC = 3.465 V
50
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DRAWING NUMBER
16-Pin Plastic SSOP
0
°C to +70°C
PCK2001RDB
SOT369-1
PIN CONFIGURATION
3
4
5
6
7
89
10
11
12
13
14
VSS0
BUF_OUT2
BUF_IN
BUF_OUT7
BUF_OUT17
VSS
VDD5
BUF_OUT11
VSS9
VDDI2C
VSSI2C
SDA
SCL
TOP VIEW
1
215
16
BUF_OUT0
BUF_OUT14
VDD9
SA00542
Intel and Pentium are registered trademarks of Intel Corporation.
I2C is a trademark of Philips Semiconductors Corporation.
PIN DESCRIPTION
PIN
NUMBER
I/O
TYPE
SYMBOL
FUNCTION
1, 3
Output
BUF_OUT
(0, 2)
Buffered clock outputs
13, 15
Output
BUF_OUT
(11, 14)
Buffered clock outputs
6, 11
Output
BUF_OUT
(7, 17)
Buffered clock outputs
4
Input
BUF_IN
Buffered clock input
8
I/O
SDA
I2C serial data
9
Input
SCL
I2C serial clock
12, 16
Input
VDD
(5, 9)
3.3 V power supply
2, 14
Input
VSS
(0, 9)
Ground
7
Input
VDDI2C
3.3 V I2C power supply
10
Input
VSSI2C
I2C ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com