Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TCS3530 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3530 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button TCS3530 Datasheet HTML 2Page - OSRAM GmbH TCS3530 Datasheet HTML 3Page - OSRAM GmbH TCS3530 Datasheet HTML 4Page - OSRAM GmbH TCS3530 Datasheet HTML 5Page - OSRAM GmbH TCS3530 Datasheet HTML 6Page - OSRAM GmbH TCS3530 Datasheet HTML 7Page - OSRAM GmbH TCS3530 Datasheet HTML 8Page - OSRAM GmbH TCS3530 Datasheet HTML 9Page - OSRAM GmbH TCS3530 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 106 page
background image
Datasheet, Public
Page 5
[v3-00] 2023-Jun-23
Document Feedback
TCS3530 − Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under Recommended
Operating Conditions is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
All voltages with respect to VSS/PGND. Device parameters are
guaranteed at VDD = 1.8 V and TA = 25°C unless otherwise noted.
Figure 5:
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
Comments
Electrical Parameters
VDD
Supply Voltage
-0.3
1.98
V
VBUS
I²C (I3C) Bus Supply Voltage
-0.3
1.98
VIO
VSYNC/GPIO, VINT Terminal Voltage
-0.3
3.6
IIO
Output Terminal Current
-3
20
mA
Stress Parameters
ESDHBM
HBM Electrostatic Discharge
± 2000
V
JEDEC JS-001-2017
ESDCDM
CDM Electrostatic Discharge
± 500
V
JEDEC JS-002-2018
ISCR
Input Current (latch-up immunity)
± 100
mA
Class II JEDEC JESD78E
Temperature Ranges and Storage Conditions
TSTRG
Storage Temperature Range
-40
85
°C
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com