Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TCS3530 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3530 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button TCS3530 Datasheet HTML 5Page - OSRAM GmbH TCS3530 Datasheet HTML 6Page - OSRAM GmbH TCS3530 Datasheet HTML 7Page - OSRAM GmbH TCS3530 Datasheet HTML 8Page - OSRAM GmbH TCS3530 Datasheet HTML 9Page - OSRAM GmbH TCS3530 Datasheet HTML 10Page - OSRAM GmbH TCS3530 Datasheet HTML 11Page - OSRAM GmbH TCS3530 Datasheet HTML 12Page - OSRAM GmbH TCS3530 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 106 page
background image
Page 8
Datasheet, Public
Document Feedback
[v3-00] 2023-Jun-23
TCS3530 − Optical Characteristics
Figure 8:
Channel Irradiance Responsivity
Color and Lux Measurement Accuracy
Typical achievable accuracy for color and lux measurements
with a calibrated TCS3530. The delta is calculated versus results
from reference spectrometer Instrument Systems CAS140 and
illuminated with lights sources in XRITE Box (Test Level 2, lab
bench, not guaranteed by production testing)
Figure 9:
Color and Lux Measurement Accuracy
Parameter
Conditions
Min
Typ
Max
Unit
Test Level
X (MOD0)
Optical channel irradiance
responsivity of uncalibrated module:
20ms integration time, 128x gain,
2700K White LED light source with an
irradiance of 150 μW/cm2 (approx.
450 lux). Measured with residual
counts enabled which corresponds to
an effective gain of 2048x.
174
205
230
counts/
(μW/cm2)
4
Y (MOD1)
170
190
210
Z (MOD2)
23
30
36
IR (MOD3)
7
11
16
HgL (MOD4)
12
17
21
HgH (MOD5)
18
23
28
Clear (MOD6)
123
144
163
Flicker (MOD7)
450
532
607
Parameter
Conditions
Min
Typ
Max
Unit
Test
Level
dE00
LED 2800K (1)
0.2
2
LED 4000K
0.5
Fluorescent (CFL) 6500K (1)
1.1
Fluorescent (CWF) 4000K
0.7
D65
1.2
Halogen (A) 2900K
0.8
Halogen (HZ) 2300K
1.7
Incandescent (A) 2600K (1)
1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com