Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TCS3530 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # TCS3530
Description  Fully Embedded, True Color Ambient Light Sensor with Selective Flicker Detection
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3530 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button TCS3530 Datasheet HTML 4Page - OSRAM GmbH TCS3530 Datasheet HTML 5Page - OSRAM GmbH TCS3530 Datasheet HTML 6Page - OSRAM GmbH TCS3530 Datasheet HTML 7Page - OSRAM GmbH TCS3530 Datasheet HTML 8Page - OSRAM GmbH TCS3530 Datasheet HTML 9Page - OSRAM GmbH TCS3530 Datasheet HTML 10Page - OSRAM GmbH TCS3530 Datasheet HTML 11Page - OSRAM GmbH TCS3530 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 106 page
background image
Datasheet, Public
Page 7
[v3-00] 2023-Jun-23
Document Feedback
TCS3530 − Optical Characteristics
Parameters listed under Test Level 4 are guaranteed with
production tests and SQC (Statistical Quality Control).
Parameters listed under Test Level 3 are measured in-line with
transparent monitor glasses. Parameters listed under Test
Level 2 are measured in lab bench characterization. Parameters
listed under Test Level 1 are guaranteed by design. All Test
Levels are measured with VDD = 1.8V and TA = 25°C unless
otherwise noted.
Figure 7:
ALS/Color Characteristics of TCS3530, ALS Gain = 128x, Integration Time = 11ms (unless otherwise noted)
Note(s):
1. The typical 3-sigma distribution shows less than 1 count for an ATIME setting of less than 98ms. Residual counts are not considered
for dark count measurement.
2. The gain ratios are calculated relative to the response with ALS gain = 128x.
3. The White LED is an InGaN light-emitting diode with integrated phosphor and the following characteristic: correlated color
temperature = 2700K.
4. ADC noise is calculated as the standard deviation relative to full scale.
Parameter
Conditions
Min
Typ
Max
Unit
Test
Level
Dark ADC count value (1)
Ee = 0μW/cm
2
ALS gain: 512x
Integration time: 100ms
00
3
counts
4
ALS gain ratios (2)
0.5x
1/261.10
4
1x
1/126.90
2x
1/63.69
4x
1/31.85
8x
1/15.53
16x
1/8
32x
1/4
64x
1/2
256x
1.92
512x
3.79
1024x
7.44
2048x
14.40
4096x
27.90
ADC noise (4)
White LED, 2700K (3)
Integration time: 100ms
0.05
2
Optical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com