Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AMIS-52100-M Datasheet(PDF) 4 Page - AMI SEMICONDUCTOR

Part # AMIS-52100-M
Description  Transceiver with Clock and Data Recovery
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-52100-M Datasheet(HTML) 4 Page - AMI SEMICONDUCTOR

  AMIS-52100-M Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-52100-M Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-52100-M Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-52100-M Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-52100-M Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-52100-M Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-52100-M Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-52100-M Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-52100-M Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
AMIS-52100 Low-Power Transceiver with Clock and Data Recovery
Data Sheet
Table 4: Electrical Characteristics Digital Inputs
Parameter
Min.
Typ.
Max.
Units
Vih
0.7*VDD
V
Vil
0.3*VDD
V
Iih
+1.0
uA
Iil
-1.0
uA
I
2C Internal Pull-up
15
20
KΩ
Table 5: Electrical Characteristics Digital Outputs
Parameter
Min.
Typ.
Max.
Units
Voh
0.8*VDD
V
Vol
0.4
V
Ioh
-1.0
mA
Iol
+1.0
mA
I
2C Internal Pull-up
15
20
KΩ
Table 6: Electrical Characteristics Analog TX
Parameter
Min.
Typ.
Max.
Units
Comments
Frequency Range
402
403.5
405
MHz
Targeted
300
768
MHz
Non Quick Start
350
448
MHz
Using Quick Start
Modulation
1
8
Kbps
Manchester coded data
1
16
Kbps
NRZ data
Max Output Power
11
12
13
dBm
On/Off Ratio
70
dB
Transmit
VCO Gain
75
MHz/V
Kvco
-95
dBc/Hz
10kHz
PLL Phase Noise
-97
dBc/Hz
100kHz
Harmonics
-35
dBc
With typical matching components
Crystal Freq Spurs
-50
dBc
50kHz PLL loop bandwidth
Time TX to RX
1
mS
Table 7: Electrical Characteristics Analog RX
Parameter
Min.
Typ.
Max.
Units
Comments
Frequency Range
402
403.5
405
MHz
Targeted
300
768
MHz
Non Quick Start
350
448
MHz
Using Quick Start
Modulation
1
8
Kbps
Manchester coded data
1
16
Kbps
NRZ data
RF Input
-117
-10
dBm
Noise Figure
4.5
RF Detect Time
100
uS
In Sniff Mode
Time RX to TX
1
mS
4
AMI Semiconductor – Rev 4.0, Mar. 06 – M-20535-004
www.amis.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com