Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AMIS-52100-M Datasheet(PDF) 1 Page - AMI SEMICONDUCTOR

Part # AMIS-52100-M
Description  Transceiver with Clock and Data Recovery
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-52100-M Datasheet(HTML) 1 Page - AMI SEMICONDUCTOR

  AMIS-52100-M Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-52100-M Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-52100-M Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-52100-M Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-52100-M Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-52100-M Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-52100-M Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-52100-M Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-52100-M Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
AMIS-52100 Low-Power Transceiver with Clock and Data Recovery
Data Sheet
1.0 Introduction
The AMIS-52100 is a low-cost, ultra-low power single chip transceiver. It combines the proven amplitude shift key/on-off key
(ASK/OOK) modulation technology of the AMIS-52000 with data clock recovery. The AMIS-52100 is targeted at narrow band
applications in the 402 to 405MHz range.
Features such as dual independent receive channels, quick start crystal oscillator start up, Sniff Mode™ signal acquisition, and data
clock recovery make the AMIS-52100 ideally suited for a wide range of customer applications. Applications that the AMIS-52100 can be
used for are point-to-point wireless data links, low cost wireless monitors, very low power remote wireless sensors, and many other
uses.
2.0 Key Features
• Data clock recovery
• Auto slicing of data
• Very low-power single-chip transceiver
• Minimal external components
• Low-power RC oscillator
• Quick Start for the crystal oscillator
• Extreme low-power RF Sniff Mode™, wakes on RSSI
• Internal trim functions reduce external component requirements
• I2C control interface
• Serial TX/RX data port
• Clock generation for an external microprocessor
• Wake up on RSSI
• Antenna diversity dual receiver
• Internal VCO/PLL tuning varactor
• Application wakeup interrupt to external controller
3.0 Technical Features
• Operating Frequency:
o
Quick Start range 350 to 448MHz
o
Non-Quick Start range 300 to 768MHz
o
Targeted range 402 to 405MHz
• TX Output Power: +12dBm
• RX Sensitivity:
o
Sniff Mode: -93dBm minimum
o
Receive: -117dBm minimum @ 1Kbps with CDR
• Data Rate:
o
1 to 8Kbps with Manchester Coding
o
1 to 16Kbps with NRZ data
• Power Requirements:
o
Receive: 7.5mA (continuous)
o
Transmit: 25mA full power; 50 percent duty cycle
o
Sniff Mode: 75uA (one percent duty cycle)
o
Standby: 500nA (RC oscillator running)
• Operating Voltage: 2.3 to 3.6V
• Modulation: ASK/OOK
• Xtal Start Time: 15us (Quick Start)
• Sniff Mode Polling: 0.5ms to 16s (0.5ms or 64ms steps)
1
AMI Semiconductor – Rev 4.0, Mar. 06 – M-20535-004
www.amis.com


Similar Part No. - AMIS-52100-M

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-52150 AMI-AMIS-52150 Datasheet
1Mb / 25P
Low-Power Transceiver with Clock and Data Recovery
logo
ON Semiconductor
AMIS-52150 ONSEMI-AMIS-52150 Datasheet
792Kb / 21P
Low-power Transceiver
July, 2013 ??Rev. 8
AMIS-52150-XTD ONSEMI-AMIS-52150-XTD Datasheet
792Kb / 21P
Low-power Transceiver
July, 2013 ??Rev. 8
AMIS-52150-XTP ONSEMI-AMIS-52150-XTP Datasheet
792Kb / 21P
Low-power Transceiver
July, 2013 ??Rev. 8
More results

Similar Description - AMIS-52100-M

ManufacturerPart #DatasheetDescription
logo
Agere Systems
1345 AGERE-1345 Datasheet
98Kb / 12P
1345-Type Receiver with Clock Recovery and Data Retiming
January 2000
1417K5A AGERE-1417K5A Datasheet
159Kb / 14P
NetLight 1417K5A 2.5 Gbits/s 1300 nm Laser Transceiver with Clock and Data Recovery
August 2001
logo
Maxim Integrated Produc...
MAX3872 MAXIM-MAX3872 Datasheet
580Kb / 13P
Multirate Clock and Data Recovery with Limiting Amplifier
Rev 1; 5/03
MAX3991 MAXIM-MAX3991 Datasheet
261Kb / 12P
10Gbps Clock and Data Recovery with Limiting Amplifier
Rev 0; 11/04
logo
Micrel Semiconductor
SY69754AL MICREL-SY69754AL Datasheet
500Kb / 14P
3.3V, 622Mbps Clock and Data Recovery
logo
AMI SEMICONDUCTOR
AMIS-52150 AMI-AMIS-52150 Datasheet
1Mb / 25P
Low-Power Transceiver with Clock and Data Recovery
logo
Micrel Semiconductor
SY69754AL MICREL-SY69754AL_07 Datasheet
492Kb / 14P
3.3V, 622Mbps Clock and Data Recovery
SY87721L MICREL-SY87721L_08 Datasheet
169Kb / 16P
CLOCK AND DATA RECOVERY WITH INTEGRATED CLOCK MULTIPLIER UNIT
logo
Maxim Integrated Produc...
MAX3872 MAXIM-MAX3872_V01 Datasheet
1,001Kb / 15P
Multirate Clock and Data Recovery with Limiting Amplifier
19-2709; Rev 3; 2/07
MAX3992 MAXIM-MAX3992 Datasheet
271Kb / 12P
10Gbps Clock and Data Recovery with Equalizer
19-3496; Rev 2; 11/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com