Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AMIS-52100-M Datasheet(PDF) 6 Page - AMI SEMICONDUCTOR

Part # AMIS-52100-M
Description  Transceiver with Clock and Data Recovery
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-52100-M Datasheet(HTML) 6 Page - AMI SEMICONDUCTOR

Back Button AMIS-52100-M Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-52100-M Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-52100-M Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-52100-M Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-52100-M Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-52100-M Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-52100-M Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-52100-M Datasheet HTML 9Page - AMI SEMICONDUCTOR AMIS-52100-M Datasheet HTML 10Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
AMIS-52100 Low-Power Transceiver with Clock and Data Recovery
Data Sheet
Table 9: Package Dimensions: 209mil SSOP
Inches
Millimeters
Dm
Min.
Max.
Min.
Max.
A
0.068
0.078
1.73
2.00
A1
0.002
.20
0.05
A2
0.065
0.073
1.65`
1.85
b
0.009
0.015
0.22
0.38
D
0.271
0.295
6.90
7.5
E
0.291
0.323
7.40
0.820
E1
0.197
0.221
5.00
0.560
e
0.026 BSC
0.65 BSC
8.0 Pin Descriptions
8.1 RX1, RX2, RF Inputs
RX1 and RX2 are RF antenna inputs to the AMIS-52100. The internal circuit designs are identical between these inputs. The AMIS-
52100 receiver inputs, RX1 and RX2, require external components to match the low noise amplifier (LNA) to external devices such as
antennas. The external components must provide a DC voltage path to the RF ground. Figure 3 suggests an external circuit for the
receiver inputs at 403MHz. Each circuit’s input impedance can be trimmed internally to compensate for device manufacture and
external component tolerances. The circuits employ an LNA, internal filters, a low frequency, intermediate frequency (IF), and an
received signal strength indication (RSSI) circuit to recover the ASK/OOK modulated data. The signals in the two input channels are
“summed” before the data recovery circuit.
The functions of the receive circuits are controlled by writing to the registers shown in Table 10.
Table 10: Receiver Control Register Description
RX1 or RX2 Receiver Register Control
Register (HEX)
Name
Bits
States
Comments
0x00
ANT1 Trim
All
Inverse relationship register value to internal capacitance
0x01
ANT2 Trim
All
Inverse relationship register value to internal capacitance
0
Antenna port is off
ANT1 Enable
0
1
Antenna port is on
0
Antenna port is off
0x0c
ANT2 Enable
1
1
Antenna port is on
Figure 3: Typical Input Impedance Match to 50Ω (402MHz)
6
AMI Semiconductor – Rev 4.0, Mar. 06 – M-20535-004
www.amis.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com