Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AMIS-52100-M Datasheet(PDF) 9 Page - AMI SEMICONDUCTOR

Part # AMIS-52100-M
Description  Transceiver with Clock and Data Recovery
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-52100-M Datasheet(HTML) 9 Page - AMI SEMICONDUCTOR

Back Button AMIS-52100-M Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-52100-M Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-52100-M Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-52100-M Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-52100-M Datasheet HTML 9Page - AMI SEMICONDUCTOR AMIS-52100-M Datasheet HTML 10Page - AMI SEMICONDUCTOR AMIS-52100-M Datasheet HTML 11Page - AMI SEMICONDUCTOR AMIS-52100-M Datasheet HTML 12Page - AMI SEMICONDUCTOR AMIS-52100-M Datasheet HTML 13Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
AMIS-52100 Low-Power Transceiver with Clock and Data Recovery
Data Sheet
8.6 GND, Ground
The GND pin is the ground connection for the digital and analog circuits in the AMIS-52100.
8.7 CLKOUT, Internal Clock Output
The CLKOUT pin is an output for the RC oscillator, crystal oscillator signal or the recovered data clock. The crystal oscillator signal
output can be divided by 2, 3 or 4. The pin can also be programmed to output the signal from the recovered data clock function. For
more information about the clock and data recovery (CDR) function of the AMIS-52100, refer to the section of this document on clock
and data recovery.
The CLKOUT pin function control registers are shown in Table 13.
Table 13: Oscillator Output Control Registers
CLKOUT Pin Definition Control Registers
Register (HEX)
Name
Bits
States
Comments
0x0c
CLKOUT enable
7
0
CLKOUT is enabled
1
CLKOUT is disabled
0x0d
CLKOUT select
4,5
00
Automatic control
01
RC OSC
10
Xtal
11
Off
0x0e
XTAL divide
0,1
00
Divide by 4
01
Divide by 3
10
Divide by 2
11
Divide by 1
8.8 X1, X2, External Crystal Reference
X1 and X2 pins connect a parallel resonance oscillator crystal to the AMIS-52100 internal oscillator circuit. The external crystal should
meet the requirements as listed in Table 14, however, the two load capacitors should be sized slightly smaller than the recommended
value for the crystal, because the AMIS-52100 adds capacitance in the internal trim circuit. For additional information, see the AMIS
Application Note; “Quick Start Crystal Oscillator Circuit Operation and Setup”. The crystal parameters are shown in Table 14.
Table 14: External Crystal Parameters
Parameter
Min.
Typ.
Max.
Units
Conditions
Crystal Frequency
12.56
12.65
MHz
Targeted
10.9
14.0
Non Quick Start
9.375
24.0
Using Quick Start
Crystal ESR
70
Crystal Tolerance
10
ppm
Load Capacitance
Load capacitors should be smaller than recommended for
the crystal to allow for frequency tune
8.9 I
2CDATA, I2CCLK, I2C Control Interface Bus
The AMIS-52100 implements an I
2C serial 8 bit bi-directional interface with the pins I2CDATA and I2CCLK. The AMIS-52100
implements the protocol for a slave device. The clock for the interface is generated by the external master device. The interface will
support the normal (0 – 100 Kbits/second) or the fast (0 – 400Kbits/second) data modes. The interface conforms to the Phillips
specification for the I
2C bus standard. The pins have internal pull up resistors. See Table 15 and Table 16 for some parameters of this
interface.
Table 17 shows the register that controls the I
2C address increment function.
9
AMI Semiconductor – Rev 4.0, Mar. 06 – M-20535-004
www.amis.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com