Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FT2232D Datasheet(PDF) 29 Page - Future Technology Devices International Ltd.

Part # FT2232D
Description  Dual USB UART/FIFO I.C.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT2232D Datasheet(HTML) 29 Page - Future Technology Devices International Ltd.

Back Button FT2232D Datasheet HTML 25Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 26Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 27Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 28Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 29Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 30Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 31Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 32Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 33Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
DS2232D Version 0.91
© Future Technology Devices International Ltd. 2006 Page 29 of 51
FT2232D Dual USB UART / FIFO I.C.
9.0 Signal Descriptions By IO Mode and Interface Channel Configurations
9.1 232 UART Interface Mode Signal Descriptions and Interface Configurations
When either Channel A or Channel B are in 232 UART mode the IO signal lines are configured as follows:-
Pin#
Signal
Type
Description
Channel A
Channel B
24
40
TXD
OUTPUT Transmit Asynchronous Data Output
23
39
RXD
INPUT
Receive Asynchronous Data Input
**Note 16
22
38
RTS#
OUTPUT Request To Send Control Output / Handshake signal
21
37
CTS#
INPUT
Clear To Send Control Input / Handshake signal
**Note 16
20
36
DTR#
OUTPUT Data Terminal Ready Control Output / Handshake signal
19
35
DSR#
INPUT
Data Set Ready Control Input / Handshake signal
**Note 16
17
33
DCD#
INPUT
Data Carrier Detect Control Input
**Note 16
16
32
RI#
INPUT
Ring Indicator Control Input. When the Remote Wake up option
is enabled in the EEPROM, taking RI# low can be used to
resume the PC USB Host controller from suspend.
**Note 16
15
30
TXDEN
OUTPUT Enable Transmit Data for RS485
13
29
SLEEP# OUTPUT Goes low during USB Suspend Mode. Typically used to power-
down an external TTL to RS232 level converter I.C. in USB to
RS232 converter designs.
12
28
RXLED# O.C.
LED Drive - Pulses Low when Transmitting Data via USB.
11
27
TXLED# O.C
LED Drive - Pulses Low when Receiving Data via USB.
10
26
SI/WU
INPUT
The Send Immediate / WakeUp signal combines two functions
on a single pin. If USB is in suspend mode (PWREN# = 1) and
remote wakeup is enabled in the EEPROM , strobing this pin
low will cause the device to request a resume on the USB Bus.
Normally, this can be used to wake up the Host PC.
During normal operation (PWREN# = 0), if this pin is strobed low
any data in the device TX buffer will be sent out over USB on the
next Bulk-IN request from the drivers regardless of the pending
packet size. This can be used to optimise USB transfer speed for
some applications. Tie this pin to VCCIO if not used.
**Note 16 : These pins are pulled to up VCCIO via internal 200K resistors during Reset and USB Suspend mode.
These can be programmed to gently pull low during USB suspend ( PWREN# = “1” ) by setting this option in the
EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com