Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PWR-2700-DC-R Datasheet(PDF) 47 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 47 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 43Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 44Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 45Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 46Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 47Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 48Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 49Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 50Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 51Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 80 page
background image
Status Indicators
Component Activity Status LEDs
LEDs located below the vents and left of the input ports display summary indicators for power supplies,
fabric modules, fans, and line cards. Table 11: Component Activity LED States interprets the states
of these indicators. When error conditions are indicated, refer to LEDs on the specified modules to
determine the condition’s source.
Table 11: Component Activity LED States
LED Name
LED State
Module State
Off
No modules are present or
powered.
Green
All powered modules are
operating normally.
Power Supply, Line Card
Fabric Module Fans
Red
One or more components
failed.
A.2
Line Card Module Indicators
Each line card module provides one status LED plus LEDs for each port on the card. The figures in
Line Cards indicate the location of the LEDs on each line card.
Figure 32: Line card Status LED
1 Status LED
4 QSFP port 2 LEDs
2 QSFP port 4 LEDs
5 QSFP port 1 LEDs
3 QSFP port 3 LEDs
6 10G / 40G /100G QSFP
port LEDs
Table 12: Line Card Status LED States interprets the states of the status LED.
Table 12: Line Card Status LED States
LED State
Status
Off
Line card not inserted.
Green
Line card operating normally.
Yellow
Line card administratively shut
down.
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com