Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PWR-2700-DC-R Datasheet(PDF) 3 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 3 Page - Arista Networks, Inc

  PWR-2700-DC-R Datasheet HTML 1Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 2Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 3Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 4Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 5Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 6Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 7Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 8Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
Contents
Contents
Chapter 1: Overview................................................................................1
1.1 Scope...................................................................................................................................... 1
1.2 Receiving and Inspecting the Equipment............................................................................... 1
1.3 Installation Process.................................................................................................................1
1.4 Safety Information...................................................................................................................2
1.5 Obtaining Technical Assistance............................................................................................. 2
1.6 Specifications.......................................................................................................................... 3
Chapter 2: Preparation............................................................................7
2.1 Site Selection..........................................................................................................................7
2.2 Tools and Parts Required for Installation...............................................................................8
2.3 Electrostatic Discharge (ESD) Precautions............................................................................ 9
Chapter 3: Rack Mounting the Switch................................................ 11
3.1 7504N and 7508N Rack Mounting....................................................................................... 11
3.1.1 Two-Post Rack Mount............................................................................................ 11
3.1.2 Four-Post Rack Mount............................................................................................13
3.2 7512N and 7516N Shelf Rack Mount Installation................................................................ 17
3.2.1 Assembling the Shelf.............................................................................................. 18
3.2.2 Inserting the Switch into the Rack..........................................................................22
Chapter 4: Cabling the Modular Switch.............................................. 25
4.1 Cabling the Power Supplies................................................................................................. 25
4.2 Cabling Secondary Ground.................................................................................................. 26
4.3 Cabling the AC Power Supply..............................................................................................27
4.4 Cabling the DC Power Supply............................................................................................. 27
4.4.1 DC Power Supplies.................................................................................................27
4.4.2 Wire and Lug Preparation...................................................................................... 27
4.4.3 PWR-3K-DC-RED Power Supply............................................................................28
4.5 DC Power Adapter Installation for PWR-2700-DC-R........................................................... 29
4.5.1 Connecting the Ground to PWR-2700-DC-R Power Supply...................................29
4.5.2 Connecting the Power Cable Lug to the Terminal Studs........................................30
4.6 Power Supply Specifications................................................................................................ 32
4.7 Power Supply Configurations............................................................................................... 32
4.7.1 Recommendations for Power Supply Usage.......................................................... 33
4.8 Power Supply Redundancy.................................................................................................. 33
4.9 Connecting Supervisor Cables............................................................................................. 34
4.10 Connecting Line Card Modules and Cables.......................................................................37
Chapter 5: Configuring the Modular Switch....................................... 39
Appendix A: Status Indicators............................................................. 41
A.1 Supervisor Module............................................................................................................... 41
A.1.1 Supervisor Indicators: 7500E-SUP/7500-SUP2..................................................... 41
iii



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com