Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PWR-2700-DC-R Datasheet(PDF) 34 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 34 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 30Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 31Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 32Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 33Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 34Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 35Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 36Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 37Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 38Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 80 page
background image
2. Attach the ground cable to the ground stud.
3. Tightening Torque: 2.7 N-m (24 in.-lbs.)
4.5.2
Connecting the Power Cable Lug to the Terminal Studs
1. Prepare the stranded wiring, see Wire and Lug Preparation.
2. Remove the clear plastic cover protecting the terminal studs on the adapter by lifting the small
center tab while sliding the cover off the adapter.
1 Plastic lid
2 Center tab
3. Remove the flange locking nuts from each of the terminal studs.
1 Flange locking nuts
4. Secure each power cable lug to the terminal studs with the flange locking nuts.
•
Attach the positive (+) DC source power cable lug to the RTN (return) terminal.
•
Attach the negative (–) DC source power cable lug to the –48V (input) terminal.
•
Torque the four flange locking nuts to 2.7 N-m (24 in.-lbs.).
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com