Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PWR-2700-DC-R Datasheet(PDF) 7 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 7 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 3Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 4Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 5Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 6Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 7Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 8Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 9Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 10Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 11Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
Overview
Aucune pièce réparable par l'utilisateur à l'intérieur. Confiez toute réparation à un technicien
qualifié.
1.6
Specifications
Modular Switch Specifications lists the specifications of Arista Data Center modular switches covered
by this guide.
Table 1: Modular Switch Specifications
DCS-7504N
DCS-7508N
DCS-7512N
DCS-7516N
Height
7RU: 312 mm
(12.25 inches)
13RU: 578 mm
(22.75 inches)
18RU: 801 mm
(31.53 inches)
29RU: 1289 mm
(50.75 inches)
Width
483 mm (19
inches) maximum
483 mm (19
inches) maximum
483 mm (19
inches) maximum
483 mm (19
inches) maximum
Depth
795 mm (31.3
inches)
795 mm (31.3
inches)
849 mm (33.4
inches)
941 mm (37.1
inches)
Weight
222 lbs (101 kg)
fully loaded
400 lbs (182 kg)
fully loaded
661 lbs (300 kg)
fully loaded
1025 lbs (465 kg)
fully loaded
DC Input
Voltage (per
circuit)
-48/-60 V DC
-48/-60 V DC
-48/-60 V DC
-48/-60 V DC,
DC Branch
Circuit
Protection
100 A
100 A
100 A
100 A
AC Input
Voltage (per
circuit)
200-240 V
200-240 V
200-240 V
200-240 V
AC Branch
Circuit
Protection
20 A
20 A
20 A
20 A
Input Power
Circuits
2 to 4 circuits
2 to 8 circuits
2 to 12 circuits
6 to 20 circuits
Ambient
Temperature
0° to 40°C (32° to
104°F)
0° to 40°C (32° to
104°F)
0° to 40°C (32° to
104°F)
0° to 40°C (32° to
104°F)
Storage
Temperature
-40° to 70°C (-40°
to 158°F)
-40° to 70°C (-40°
to 158°F)
-40° to 70°C (-40°
to 158°F)
-40° to 70°C (-40°
to 158°F)
Relative
Humidity
5 to 90%
5 to 90%
5 to 90%
5 to 90%
Altitude
0 to 3,000 meters
(0 to 10,000 feet)
0 to 3,000 meters
(0 to 10,000 feet)
0 to 3,000 meters
(0 to 10,000 feet)
0 to 3,000 meters
(0 to 10,000 feet)
Cooling
See Power draw
configurations in
Table 2: 7500N
Series Power
Specifications
See Power draw
configurations in
Table 2: 7500N
Series Power
Specifications
See Power draw
configurations in
Table 2: 7500N
Series Power
Specifications
See Power draw
configurations in
Table 2: 7500N
Series Power
Specifications
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com