Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC488 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC488
Description  Complete DDR1/2/3 Memory Power Supply
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC488 Datasheet(HTML) 5 Page - Semtech Corporation

  SC488 Datasheet HTML 1Page - Semtech Corporation SC488 Datasheet HTML 2Page - Semtech Corporation SC488 Datasheet HTML 3Page - Semtech Corporation SC488 Datasheet HTML 4Page - Semtech Corporation SC488 Datasheet HTML 5Page - Semtech Corporation SC488 Datasheet HTML 6Page - Semtech Corporation SC488 Datasheet HTML 7Page - Semtech Corporation SC488 Datasheet HTML 8Page - Semtech Corporation SC488 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
© 2006 Semtech Corp.
www.semtech.com
SC488
POWER MANAGEMENT
Parameter
Conditions
25°C
-40°C to 85°C
Units
Min
Typ
Max
Min
Max
Gate Drives
Shoot-Thru Protection
Delay(4)(7)
DH or DL Rising
30
ns
DL Pull-Down Resistance
DL Low
0.8
Ω
DL Sink Current
V
DL = 2.5V
3.1
A
DL Pull-Up Resistance
DL High
2
Ω
DL Source Current
V
DL = 2.5V
1.3
A
DH Pull-Down Resistance
DH Low, BST - LX = 5V
2
Ω
DH Pull-Up Resistance(8)
DH High, BST - LX = 5V
2
Ω
DH Sink/Source Current
V
DH = 2.5V
1.3
A
VTT Pull-Up Resistance
VTTS < REF
0.25
Ω
VTT Pull-Down Resistance
VTTS > REF
0.32
Ω
VTT Peak Sink/Source
Current(9)
2.8
A
Electrical Characteristics (Cont.)
Notes:
1) The VDDQ DC regulation level is higher than the FB error comparator threshold by 50% of the ripple voltage.
2) Using a current sense resistor, this measurement relates to PGND1 minus the source of the low-side MOSFET.
3) clks = switching cycles, consisting of one high side and one low side gate pulse.
4) Guaranteed by design.
5) Thermal shutdown latches both outputs (VTT and VDDQ) off, requiring VCCA or EN/PSV cycling to reset.
6) VTT soft-start ramp rate is limited to 5.5mV/μs typical. If the VDDQ/2 ramp rate is slower than 5.5mV/μsec, the VTT soft-start ramp will follow the VDDQ/2
ramp.
7) See Shoot-Through Delay Timing Diagram below.
8) Semtech’s SmartDriver™ FET drive first pulls DH high with a pull-up resistance of 10Ω (typ.) until LX = 1.5V (typ.). At this point, an additional pull-up device
is activated, reducing the resistance to 2Ω (typical). This creates a softer turn-on with minimal power loss, eliminating the need for an external gate or boost
resistor.
9) Provided operation below T
J(MAX) is maintained. VTT output current is also limited by internal MOSFET resistance which is typically 0.32Ω at 25°C and which
increases with temperature, and by available source voltage (typically VDDQ/2).
tplhDL
tplhDH
LX
DL
DL
DH
Shoot-Through Delay Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com