Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC488 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC488
Description  Complete DDR1/2/3 Memory Power Supply
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC488 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC488 Datasheet HTML 2Page - Semtech Corporation SC488 Datasheet HTML 3Page - Semtech Corporation SC488 Datasheet HTML 4Page - Semtech Corporation SC488 Datasheet HTML 5Page - Semtech Corporation SC488 Datasheet HTML 6Page - Semtech Corporation SC488 Datasheet HTML 7Page - Semtech Corporation SC488 Datasheet HTML 8Page - Semtech Corporation SC488 Datasheet HTML 9Page - Semtech Corporation SC488 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC488
Notes:
1) Only available in tape and reel packaging. A reel contains 3000 devices.
2) This product is fully WEEE and RoHS compliant.
Pin #
Pin Name
Pin Function
1
PGND2
Power ground for VTT output. Connect to thermal pad and ground plane.
2
VTTS
Sense pin for VTT. Connect to VTT at the load.
3
VSSA
Ground reference for analog circuitry. Connect to thermal pad.
4TON
This pin is used to sense VBAT through a pull-up resistor, RTON, which sets the top MOSFET
on-time. Bypass this pin with a 1nF capacitor to VSSA.
5
REF
Reference output. An internal resistor divider from VDDQS sets this voltage to 50% VDDQ (nomi-
nal). Bypass this pin with a series 10
Ω/1μF to VSSA.
6
VCCA
Analog supply voltage input. Use a 10
Ω/1μF RC filter from +5V to VSSA.
7
NC
No connect.
8
VDDQS
Sense input for VDDQ. Used to set the on-time for the top MOSFET and also to set REF/VTT.
9
FB
Feedback select input for VDDQ. See FB Configuration Table.
10
VTTEN
Enable pin for VTT. Pull this pin low to disable VTT (REF remains present as long as VDDQ is
present).
11
EN/PSV
Enable/Power Save input pin. Tie to ground to disable VDDQ. Tie to +5V to enable VDDQ and
activate PSAVE mode. Float to enable VDDQ and activate continous conduction mode. If floated,
bypass to VSSA with a 10nF capacitor.
12
NC
No connect.
13
PGD
Power good output for VDDQ. PGD is low if VDDQ is outside the power good thresholds. This
pin is an open drain NMOS output and requires an external pull-up resistor.
Device(2)
Package(1)
SC488MLTRT
MLPQ-24
Pin Description
Pin Configuration
Ordering Information
PGND1
ILIM
PGND1
PGD
VDDP
VDDP
PGND2
VSSA
VTTS
VCCA
TON
REF
2
1
4
3
6
5
17
18
15
16
13
14
SC480 MLP24 Pin Out
T
SC488



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com