Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SN74ACT596 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74ACT596
Description  SN74ACT596-Q1 Automotive 8-Bit Shift Register With Open-Drain Output Registers And TTL-Compatible Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT596 Datasheet(HTML) 4 Page - Texas Instruments

  SN74ACT596 Datasheet HTML 1Page - Texas Instruments SN74ACT596 Datasheet HTML 2Page - Texas Instruments SN74ACT596 Datasheet HTML 3Page - Texas Instruments SN74ACT596 Datasheet HTML 4Page - Texas Instruments SN74ACT596 Datasheet HTML 5Page - Texas Instruments SN74ACT596 Datasheet HTML 6Page - Texas Instruments SN74ACT596 Datasheet HTML 7Page - Texas Instruments SN74ACT596 Datasheet HTML 8Page - Texas Instruments SN74ACT596 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VCC
Supply voltage range
-0.5
7
V
VI
Input voltage range(2)
-0.5
VCC + 0.5V
V
VO
Open-drain output voltage range(2)
-0.5
7
V
VO
Push-pull output voltage range(2)
-0.5
VCC + 0.5V
V
IIK
Input clamp current
VI < -0.5V or VI > VCC + 0.5V
±20
mA
IOK
Open-drain output clamp current
VO < -0.5V
-50
mA
IOK
Push-pull output clamp current
VO < -0.5V or VO > VCC + 0.5V
±50
mA
IO
Open-drain continuous output current
VO = 0 to VCC
50
mA
IO
Push-pull continuous output current
VO = 0 to VCC
±50
mA
Continuous output current through VCC or GND
±200
mA
TJ
Junction temperature
150
°C
Tstg
Storage temperature
-65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute maximum ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If briefly operating outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not
sustain damage, but it may not be fully functional. Operating the device in this manner may affect device reliability, functionality,
performance, and shorten the device lifetime.
(2)
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per AEC Q100-002 HBM ESD Classification Level 2(1)
±2000
V
Charged device model (CDM), per AEC Q100-011 CDM ESD Classification Level
C4B
±1000
(1)
AEC Q100-002 indicate that HBM stressing shall be in accordrance with the ANSI/ESDA/JEDEC JS-001 specification.
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-Level input voltage
0.8
V
VI
Input Voltage
0
VCC
V
VO
Open-drain output voltage
0
5.5
V
VO
Push-pull output Voltage
0
VCC
V
IOH
High-level output current(1)
-24
mA
IOL
Low-level output current
24
mA
Δt/Δv
Input transition rise or fall rate
20
ns/V
TA
Operating free-air temperature
-40
125
°C
(1)
Applies to QH' output only.
5.4 Thermal Information
PACKAGE
PINS
THERMAL METRIC(1)
UNIT
RθJA
RθJC(top)
RθJB
ΨJT
ΨJB
RθJC(bot)
PW (TSSOP)
16
126.2
60.5
84.2
7.5
83.3
-
°C/W
SN74ACT596-Q1
SCASE34 – NOVEMBER 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN74ACT596-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com