Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SN74ACT596 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74ACT596
Description  SN74ACT596-Q1 Automotive 8-Bit Shift Register With Open-Drain Output Registers And TTL-Compatible Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT596 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74ACT596 Datasheet HTML 2Page - Texas Instruments SN74ACT596 Datasheet HTML 3Page - Texas Instruments SN74ACT596 Datasheet HTML 4Page - Texas Instruments SN74ACT596 Datasheet HTML 5Page - Texas Instruments SN74ACT596 Datasheet HTML 6Page - Texas Instruments SN74ACT596 Datasheet HTML 7Page - Texas Instruments SN74ACT596 Datasheet HTML 8Page - Texas Instruments SN74ACT596 Datasheet HTML 9Page - Texas Instruments SN74ACT596 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
5.7 Switching Characteristics
CL = 50 pF; over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
VCC
-40°C to 125°C
UNIT
MIN
TYP
MAX
tplh
RCLK
QA-QH
5V
4.5
6.5
ns
tphl
RCLK
QA-QH
5V
7.9
11.6
ns
tplh
SRCLK
QH'
5V
7.2
10.5
ns
tphl
SRCLK
QH'
5V
7.2
10.4
ns
tphl
SRCLR
QH'
5V
7.6
10.7
ns
5.8 Typical Characteristics
TA = 25°C (unless otherwise noted)
VCC (V)
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
10
20
30
40
50
60
70
80
90
100
25 °C
125 °C
-40 °C
Figure 5-1. Supply Current Across Supply Voltage
IOH (mA)
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
4.24
4.32
4.4
4.48
4.56
4.64
4.72
4.8
4.88
4.96
5.04
25°C
125°C
-40°C
Figure 5-2. Output Voltage vs Current in HIGH State; 5V Supply
IOL (mA)
0
5
10
15
20
25
30
35
40
45
50
0
0.04
0.08
0.12
0.16
0.2
0.24
0.28
0.32
0.36
0.4
25°C
125°C
-40°C
Figure 5-3. Output Voltage vs Current in LOW State; 5V Supply
SN74ACT596-Q1
SCASE34 – NOVEMBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN74ACT596-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com