Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SN74ACT596 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ACT596
Description  SN74ACT596-Q1 Automotive 8-Bit Shift Register With Open-Drain Output Registers And TTL-Compatible Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT596 Datasheet(HTML) 1 Page - Texas Instruments

  SN74ACT596 Datasheet HTML 1Page - Texas Instruments SN74ACT596 Datasheet HTML 2Page - Texas Instruments SN74ACT596 Datasheet HTML 3Page - Texas Instruments SN74ACT596 Datasheet HTML 4Page - Texas Instruments SN74ACT596 Datasheet HTML 5Page - Texas Instruments SN74ACT596 Datasheet HTML 6Page - Texas Instruments SN74ACT596 Datasheet HTML 7Page - Texas Instruments SN74ACT596 Datasheet HTML 8Page - Texas Instruments SN74ACT596 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
SN74ACT596-Q1 Automotive 8-Bit Shift Register With Open-Drain Output Registers
And TTL-Compatible Inputs
1 Features
• AEC-Q100 qualified for automotive applications:
– Device temperature grade 1: -40°C to +125°C
– Device HBM ESD classification level 2
– Device CDM ESD classification level C4B
• Available in wettable flank QFN package
• Operating voltage range of 4.5V to 5.5V
• TTL-compatible inputs
• Continuous ±24mA output drive at 5V
• Supports up to ±75mA output drive at 5V
in short bursts
• Drives 50Ω transmission lines
• Fast operation with delay of 11.6ns max
2 Applications
• Increase the number of outputs on a
microcontroller
• Store up to 8 bits of data temporarily
3 Description
The SN74ACT596-Q1 device contains an 8-bit, serial-
in, parallel-out shift register that feeds an 8-bit D-type
storage register. The storage register has parallel
open-drain outputs. Separate clocks are provided
for both the shift and storage register. The shift
register has a direct overriding clear (SRCLR) input,
serial (SER) input, and a serial output (QH') for
cascading. When the output-enable (OE) input is high,
the outputs are in a high-impedance state. Internal
register data is not impacted by the operation of the
OE input.
Device Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
BODY SIZE(3)
SN74ACT596-Q1
BQB (WQFN, 16)
3.5mm × 2.5mm
3.5mm × 2.5mm
PW (TSSOP , 16)
5mm x 6.4mm
5mm x 4.4mm
(1)
For more information, see Section 11 .
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
The body size (length × width) is a nominal value and does
not include pins.
RCLK
OE
SRCLR
SRCLK
SER
13
12
10
11
14
D
R
15
1
Q
A
Q
B
Q
C
Q
D
R
Q
D
Q
D
Q
2
Q
D
3
Q
E
4
Q
F
5
Q
G
6
D
R
7
9
Q
H’
Q
D
Q
Q
H
Functional Diagram
SN74ACT596-Q1
SCASE34 – NOVEMBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74ACT596

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT596 TI1-SN74ACT596 Datasheet
1Mb / 31P
SN74ACT596 8-Bit Shift Register With Open-Drain Output Registers And TTLCompatible Inputs
NOVEMBER 2024
SN74ACT596-Q1 TI1-SN74ACT596-Q1 Datasheet
1Mb / 31P
SN74ACT596 8-Bit Shift Register With Open-Drain Output Registers And TTLCompatible Inputs
NOVEMBER 2024
SN74ACT596BQBR TI1-SN74ACT596BQBR Datasheet
1Mb / 31P
SN74ACT596 8-Bit Shift Register With Open-Drain Output Registers And TTLCompatible Inputs
NOVEMBER 2024
SN74ACT596PWR TI1-SN74ACT596PWR Datasheet
1Mb / 31P
SN74ACT596 8-Bit Shift Register With Open-Drain Output Registers And TTLCompatible Inputs
NOVEMBER 2024
More results

Similar Description - SN74ACT596

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS595-Q1 TI1-SN74HCS595-Q1 Datasheet
457Kb / 22P
SN74HCS595-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and 3-State Output Registers
SN74HCS594-Q1 TI1-SN74HCS594-Q1 Datasheet
1Mb / 27P
SN74HCS594-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Output Registers
SN74HCS596-Q1 TI1-SN74HCS596-Q1 Datasheet
1Mb / 26P
SN74HCS596-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Opendrain Output Registers
SN74HCS596 TI-SN74HCS596 Datasheet
1Mb / 27P
SN74HCS596 8-Bit Shift Register With Schmitt-Trigger Inputs and Open-Drain Output Registers
SN74HCS595-Q1 TI-SN74HCS595-Q1_V01 Datasheet
1Mb / 26P
SN74HCS595-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and 3-State Output Registers
SN74HCS594-Q1 TI-SN74HCS594-Q1_V01 Datasheet
2Mb / 32P
SN74HCS594-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Output Registers
SN74HCS594-Q1 TI-SN74HCS594-Q1_V02 Datasheet
2Mb / 35P
SN74HCS594-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Output Registers
SN74HCS595-Q1 TI-SN74HCS595-Q1_V03 Datasheet
2Mb / 36P
SN74HCS595-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and 3-State Output Registers
REVISED SEPTEMBER 2021
SN74HCS594-Q1 TI-SN74HCS594-Q1_V03 Datasheet
3Mb / 38P
SN74HCS594-Q1 Automotive 8-Bit Shift Register With Schmitt-Trigger Inputs and Output Registers
DECEMBER 2021
SN74AHCT165-Q1 TI1-SN74AHCT165-Q1 Datasheet
1Mb / 29P
SN74AHCT165-Q1 Automotive 8-Bit Parallel-Load Shift Register with TTL-Compatible Inputs
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com