Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S25FL128SDPNFAQ Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # S25FL128SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPNFAQ Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button S25FL128SDPNFAQ Datasheet HTML 3Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 4Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 5Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 6Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 7Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 8Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 9Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 10Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 6 of 148
S25FL128S/S25FL256S
1.2.2
Known Differences from Prior Generations
1.2.2.1 Error Reporting
Prior generation FL memories either do not have error status bits or do not set them if program or erase is attempted on a protected
sector. The FL-S family does have error reporting status bits for program and erase operations. These can be set when there is an
internal failure to program or erase or when there is an attempt to program or erase a protected sector. In either case the program or
erase operation did not complete as requested by the command.
1.2.2.2 Secure Silicon Region (OTP)
The size and format (address map) of the One Time Program area is different from prior generations. The method for protecting
each portion of the OTP area is different. For additional details see Section 8.1 Secure Silicon Region (OTP) on page 58.
1.2.2.3 Configuration Register Freeze Bit
The configuration register Freeze bit CR1[0], locks the state of the Block Protection bits as in prior generations. In the FL-S family it
also locks the state of the configuration register TBPARM bit CR1[2], TBPROT bit CR1[5], and the Secure Silicon Region (OTP)
area.
1.2.2.4 Sector Erase Commands
The command for erasing an 8-kbyte area (two 4-kbyte sectors) is not supported.
The command for erasing a 4-kbyte sector is supported only in the 128-Mbit and 256-Mbit density FL-S devices and only for use on
the thirty two 4-kbyte parameter sectors at the top or bottom of the device address space.
The erase command for 64-kbyte sectors are supported for the 128-Mbit and 256-Mbit density FL-S devices when the ordering
option for 4-kbyte parameter sectors with 64-kbyte uniform sectors are used. The 64-kbyte erase command may be applied to erase
a group of sixteen 4-kbyte sectors.
The erase command for a 256-kbyte sector replaces the 64-kbyte erase command when the ordering option for 256-kbyte uniform
sectors is used for the 128-Mbit and 256-Mbit density FL-S devices.
1.2.2.5 Deep Power Down
The Deep Power Down (DPD) function is not supported in FL-S family devices.
The legacy DPD (B9h) command code is instead used to enable legacy SPI memory controllers, that can issue the former DPD
command, to access a new bank address register. The bank address register allows SPI memory controllers that do not support
more than 24 bits of address, the ability to provide higher order address bits for commands, as needed to access the larger address
space of the 256-Mbit density FL-S device. For additional information see Section 7.1.1 Extended Address on page 44.
1.2.2.6 New Features
The FL-S family introduces several new features to SPI category memories:
Extended address for access to higher memory density.
AutoBoot for simpler access to boot code following power up.
Enhanced High Performance read commands using mode bits to eliminate the overhead of SIO instructions when repeating the
same type of read command.
Multiple options for initial read latency (number of dummy cycles) for faster initial access time or higher clock rate read
commands.
DDR read commands for SIO, DIO, and QIO.
Automatic ECC for enhanced data integrity.
Advanced Sector Protection for individually controlling the protection of each sector. This is very similar to the Advanced Sector
Protection feature found in several other Cypress parallel interface NOR memory families.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com