Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S25FL128SDPNFAQ Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # S25FL128SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPNFAQ Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button S25FL128SDPNFAQ Datasheet HTML 16Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 17Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 18Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 19Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 20Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 21Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 22Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 23Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 19 of 148
S25FL128S/S25FL256S
3.3.1
Power-Off
When the core supply voltage is at or below the VCC (low) voltage, the device is considered to be powered off. The device does not
react to external signals, and is prevented from performing any program or erase operation.
3.3.2
Low Power Hardware Data Protection
When VCC is less than VCC (cut-off) the memory device will ignore commands to ensure that program and erase operations can not
start when the core supply voltage is out of the operating range.
3.3.3
Power-On (Cold) Reset
When the core voltage supply remains at or below the VCC (low) voltage for  tPD time, then rises to  VCC (Minimum) the device will
begin its Power-On Reset (POR) process. POR continues until the end of tPU. During tPU the device does not react to external input
signals nor drive any outputs. Following the end of tPU the device transitions to the Interface Standby state and can accept
commands. For additional information on POR see Section 5.3.1 Power-On (Cold) Reset on page 29.
3.3.4
Hardware (Warm) Reset
Some of the device package options provide a RESET# input. When RESET# is driven low for tRP time the device starts the
hardware reset process. The process continues for tRPH time. Following the end of both tRPH and the reset hold time following the
rise of RESET# (tRH) the device transitions to the Interface Standby state and can accept commands. For additional information on
hardware reset see Section 28 POR followed by Hardware Reset on page 29.
3.3.5
Interface Standby
When CS# is high the SPI interface is in standby state. Inputs other than RESET# are ignored. The interface waits for the beginning
of a new command. The next interface state is Instruction Cycle when CS# goes low to begin a new command.
While in interface standby state the memory device draws standby current (ISB) if no embedded algorithm is in progress. If an
embedded algorithm is in progress, the related current is drawn until the end of the algorithm when the entire device returns to
standby current draw.
3.3.6
Instruction Cycle
When the host drives the MSB of an instruction and CS# goes low, on the next rising edge of SCK the device captures the MSB of
the instruction that begins the new command. On each following rising edge of SCK the device captures the next lower significance
bit of the 8-bit instruction. The host keeps RESET# high, CS# low, HOLD# high, and drives Write Protect (WP#) signal as needed for
the instruction. However, WP# is only relevant during instruction cycles of a WRR command and is otherwise ignored.
Each instruction selects the address space that is operated on and the transfer format used during the remainder of the command.
The transfer format may be Single, Dual output, Quad output, Dual I/O, Quad I/O, DDR Single I/O, DDR Dual I/O, or DDR Quad I/O.
The expected next interface state depends on the instruction received.
Some commands are stand alone, needing no address or data transfer to or from the memory. The host returns CS# high after the
rising edge of SCK for the eighth bit of the instruction in such commands. The next interface state in this case is Interface Standby.
3.3.7
Hold
When Quad mode is not enabled (CR[1]=0) the HOLD# / IO3 signal is used as the HOLD# input. The host keeps RESET# high,
HOLD# low, SCK may be at a valid level or continue toggling, and CS# is low. When HOLD# is low a command is paused, as though
SCK were held low. SI / IO0 and SO / IO1 ignore the input level when acting as inputs and are high impedance when acting as
outputs during hold state. Whether these signals are input or output depends on the command and the point in the command
sequence when HOLD# is asserted low.
When HOLD# returns high the next state is the same state the interface was in just before HOLD# was asserted low.
When Quad mode is enabled the HOLD# / IO3 signal is used as IO3.
During DDR commands the HOLD# and WP# inputs are ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com